Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1645G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR1645G
Description  SWITCHMODE Power Rectifiers16 A, 35 and 45 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1645G Datasheet(HTML) 1 Page - ON Semiconductor

  MBR1645G Datasheet HTML 1Page - ON Semiconductor MBR1645G Datasheet HTML 2Page - ON Semiconductor MBR1645G Datasheet HTML 3Page - ON Semiconductor MBR1645G Datasheet HTML 4Page - ON Semiconductor MBR1645G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
June, 2008 − Rev. 11
1
Publication Order Number:
MBR1635/D
MBR1635, MBR1645,
MBRB1645
MBR1645 is a Preferred Device
SWITCHMODEE
Power Rectifiers
16 A, 35 and 45 V
These state−of−the−art devices use the Schottky Barrier principle
with a platinum barrier metal.
Features
Guard−ring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams for TO−220
1.7 Grams for D2PAK
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBR1635
MBR1645
MBRB1645
VRRM
VRWM
VR
35
45
45
V
Average Rectified Forward Current Delay
(Rated VR, TC = 163°C) Total Device
IF(AV)
16
A
Peak Repetitive Forward Current, Per
Leg
(Rated VR, Square Wave,
20 kHz, TC = 157°C) Total Device
IFRM
32
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current
(2.0 ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
Device
Package
Shipping
ORDERING INFORMATION
MBR1635
TO−220
TO−220AC
CASE 221B
PLASTIC
50 Units / Rail
3
4
1
MBR1635G
TO−220
(Pb−Free)
50 Units / Rail
Preferred devices are recommended choices for future use
and best overall value.
3
1, 4
MARKING
DIAGRAMS
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
B16x5 = Device Code
x
= 3 or 4
KA
= Diode Polarity
G
= Pb−Free Package
AYWWG
B16x5
KA
MBR1645
TO−220
50 Units / Rail
MBR1645G
TO−220
(Pb−Free)
50 Units / Rail
B1645G
AYWW
D2PAK
CASE 418B
STYLE 3
3
4
1
B1645 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MBRB1645T4G
D2PAK
(Pb−Free)
800 Units / Rail
1
3
4


Similar Part No. - MBR1645G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1645G ONSEMI-MBR1645G Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
More results

Similar Description - MBR1645G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR40H100WT ONSEMI-MBR40H100WT_06 Datasheet
109Kb / 6P
   SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
   SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com