Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4015LWTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR4015LWTG
Description  SWITCHMODE Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR4015LWTG Datasheet(HTML) 1 Page - ON Semiconductor

  MBR4015LWTG Datasheet HTML 1Page - ON Semiconductor MBR4015LWTG Datasheet HTML 2Page - ON Semiconductor MBR4015LWTG Datasheet HTML 3Page - ON Semiconductor MBR4015LWTG Datasheet HTML 4Page - ON Semiconductor MBR4015LWTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 9
1
Publication Order Number:
MBR4015LWT/D
MBR4015LWT
SWITCHMODEt
Schottky Power Rectifier
TO247 Power Package
This device employs the Schottky Barrier principle in a large area
metal−to−silicon power rectifier. Features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies; free wheeling
diodes and polarity protection diodes.
Features
Highly Stable Oxide Passivated Junction
Guardring for Overvoltage Protection
Low Forward Voltage Drop
Dual Diode Construction; Terminals 1 and 3 May Be Connected for
Parallel Operation at Full Rating.
Full Electrical Isolation without Additional Hardware
Pb−Free Package is Available*
Mechanical Characteristics
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 4.3 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
15
V
Average Rectified Forward Current
(At Rated VR, TC = 120°C)
Per Leg
Per Package
IO
20
40
A
Peak Repetitive Forward Current,
(At Rated VR, Square Wave,
20 kHz, TC = 95°C)
Per Leg
IFRM
40
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions Halfwave, Single Phase,
60 Hz) Per Package
IFSM
120
A
Storage/Operating Case Temperature
Tstg, TC −55 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−55 to +150
°C
Voltage Rate of Change,
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MBR4015LWT
TO−247
TO−247
CASE 340L
STYLE 2
30 Units / Rail
2
1
SCHOTTKY BARRIER
RECTIFIER
40 AMPERES, 15 VOLTS
1
3
2
3
http://onsemi.com
MBR4015LWTG
TO−247
(Pb−Free)
30 Units / Rail
MBR4015LWT = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
MBR4015LWT
AYWWG


Similar Part No. - MBR4015LWTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results

Similar Description - MBR4015LWTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
   SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
   SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
   SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
   SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF20100CT ONSEMI-MBRF20100CT Datasheet
79Kb / 4P
   SWITCHMODE Schottky Power Rectifier
June, 2007 - Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com