Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX809SN293D1T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MAX809SN293D1T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX809SN293D1T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MAX809SN293D1T1G Datasheet HTML 5Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 6Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 7Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 8Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 9Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 10Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 11Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 12Page - ON Semiconductor MAX809SN293D1T1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MAX809 Series, MAX810 Series
http://onsemi.com
9
APPLICATIONS INFORMATION
VCC Transient Rejection
The MAX809 provides accurate VCC monitoring and
reset timing during power−up, power−down, and
brownout/sag conditions, and rejects negative−going
transients (glitches) on the power supply line. Figure 16
shows the maximum transient duration vs. maximum
negative excursion (overdrive) for glitch rejection. Any
combination of duration and overdrive which lies under the
curve will not generate a reset signal. Combinations above
the curve are detected as a brownout or power−down.
Typically, transient that goes 100 mV below the reset
threshold and lasts 5.0
ms or less will not cause a reset pulse.
Transient immunity can be improved by adding a capacitor
in close proximity to the VCC pin of the MAX809.
Figure 16. Maximum Transient Duration vs.
Overdrive for Glitch Rejection at 25°C
Duration
VTH
Overdrive
VCC
10
250
200
110
60
50
300
RESET COMPARATOR OVERDRIVE (mV)
0
410
VTH = 4.9 V
150
100
VTH = 1.2 V
160
210
260
310
360
VTH = 2.93 V
RESET Signal Integrity During Power−Down
The MAX809 RESET output is valid to VCC = 1.0 V.
Below this voltage the output becomes an “open circuit” and
does not sink current. This means CMOS logic inputs to the
Microprocessor will be floating at an undetermined voltage.
Most digital systems are completely shutdown well above
this voltage. However, in situations where RESET must be
maintained valid to VCC = 0 V, a pull−down resistor must be
connected from RESET to ground to discharge stray
capacitances and hold the output low (Figure 17). This
resistor value, though not critical, should be chosen such that
it does not appreciably load RESET under normal operation
(100 k
W will be suitable for most applications).
VCC
VCC
RESET
R1
100 k
MAX809/810
GND
Figure 17. Ensuring RESET Valid to VCC = 0 V
RESET
Processors With Bidirectional I/O Pins
Some Microprocessor’s have bidirectional reset pins.
Depending on the current drive capability of the processor
pin, an indeterminate logic level may result if there is a logic
conflict. This can be avoided by adding a 4.7 k
W resistor in
series with the output of the MAX809 (Figure 18). If there
are other components in the system which require a reset
signal, they should be buffered so as not to load the reset line.
If the other components are required to follow the reset I/O
of the Microprocessor, the buffer should be connected as
shown with the solid line.
VCC
VCC
Microprocessor
RESET
MAX809/810
GND
GND
4.7 k
Figure 18. Interfacing to Bidirectional Reset I/O
RESET
VCC
BUFFERED RESET
TO OTHER SYSTEM
COMPONENTS
BUFFER
RESET


Similar Part No. - MAX809SN293D1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809SN293D1T1G ONSEMI-MAX809SN293D1T1G Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
MAX809SN293D1T1G ONSEMI-MAX809SN293D1T1G Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809SN293D1T1G ONSEMI-MAX809SN293D1T1G Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results

Similar Description - MAX809SN293D1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com