Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4045WTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR4045WTG
Description  SWITCHMODE??Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR4045WTG Datasheet(HTML) 4 Page - ON Semiconductor

  MBR4045WTG Datasheet HTML 1Page - ON Semiconductor MBR4045WTG Datasheet HTML 2Page - ON Semiconductor MBR4045WTG Datasheet HTML 3Page - ON Semiconductor MBR4045WTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBR4045WT
http://onsemi.com
4
PACKAGE DIMENSIONS
TO−247
CASE 340L−02
ISSUE E
STYLE 2:
PIN 1. ANODE
2. CATHODE (S)
3. ANODE 2
4. CATHODES (S)
N
P
A
K
W
F
D
G
U
E
0.25 (0.010) M YQ S
J
H
C
4
12
3
−T−
−B−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
2 PL
3 PL
0.63 (0.025) M TB M
−Q−
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
20.32
21.08
0.800
8.30
B
15.75
16.26
0.620
0.640
C
4.70
5.30
0.185
0.209
D
1.00
1.40
0.040
0.055
E
1.90
2.60
0.075
0.102
F
1.65
2.13
0.065
0.084
G
5.45 BSC
0.215 BSC
H
1.50
2.49
0.059
0.098
J
0.40
0.80
0.016
0.031
K
19.81
20.83
0.780
0.820
L
5.40
6.20
0.212
0.244
N
4.32
5.49
0.170
0.216
P
---
4.50
---
0.177
Q
3.55
3.65
0.140
0.144
U
6.15 BSC
0.242 BSC
W
2.87
3.12
0.113
0.123
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MBR4045WT/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.


Similar Part No. - MBR4045WTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR4045WTG ONSEMI-MBR4045WTG Datasheet
58Kb / 4P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 9
More results

Similar Description - MBR4045WTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com