Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744232102 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744232102
Description  SMD common mode noise suppressor WE-CNSW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744232102 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744232102 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232102 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232102 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
1,90 ± 0,1
mm
B
4,00 ± 0,1
mm
C
1,50 ± 0,05
mm
D
2,00 ± 0,1
mm
E
1,75 ± 0,1
mm
F
3,50 ± 0,1
mm
G
2,10 ± 0,1
mm
H
3,50 ± 0,1
mm
W
8,00 ± 0,1
mm
T
0,23 ± 0,05
mm
Rollenspezifikation / Reel Specification:
a
178,0 ± 0,1
mm
b
21,00 ± 0,1
mm
c
50,00 ± 0,1
mm
d
10,00 ± 0,1
mm
The force of tearing off cover tape
is 0,2 to 0,7 N in arrow direction.
MST
Version 3
04-10-11
SST
Version 2
04-02-17
MST
Version 1
03-11-25
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
SMD common mode noise suppressor WE-CNSW
DATUM / DATE : 2004-10-11
I Rollenspezifikation / tape and reel specifications:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
744232102
Artikelnummer / part number :
SMD Stromkomp. Datenleitungsfilter WE-CNSW
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
A
B
ØC
D
E
F
W
H
G
T
Ø b
a
c
d
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
LF
SEITE 3 VON 3


Similar Part No. - 744232102

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744232101 WURTH-744232101 Datasheet
529Kb / 6P
   WE-CNSW SMT Common Mode Line Filter
002.001
More results

Similar Description - 744232102

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744232261 WURTH-744232261 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231061 WURTH-744231061 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231091 WURTH-744231091 Datasheet
201Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231181 WURTH-744231181 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232601 WURTH-744232601 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231371 WURTH-744231371 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232090 WURTH-744232090 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232222 WURTH-744232222 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231121 WURTH-744231121 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231261 WURTH-744231261 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com