Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2535CTLT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB2535CTLT4
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB2535CTLT4 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB2535CTLT4 Datasheet HTML 1Page - ON Semiconductor MBRB2535CTLT4 Datasheet HTML 2Page - ON Semiconductor MBRB2535CTLT4 Datasheet HTML 3Page - ON Semiconductor MBRB2535CTLT4 Datasheet HTML 4Page - ON Semiconductor MBRB2535CTLT4 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRB2535CTL
http://onsemi.com
3
50
20
10
5
2
1
0.5
0.2
0.1
0.9
10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage, Per Leg
1000
100
10
1
0.1
35
30
25
20
15
0
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current, Per Leg
510
TJ = 125°C
TJ = 25°C
TJ = 100°C
DC
TJ = 125°C
SQUARE
WAVE
40
35
30
25
20
15
10
5
0
40
35
30
25
20
15
10
5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Typical Forward Power Dissipation
0
SINE WAVE
(RESISTIVE LOAD)
(RATED Vr APPLIED)
RqJC = 2°C/W
SQUARE
DC
32
28
24
20
16
12
8
4
0
125
115
105
95
85
TC, CASE TEMPERATURE (°C)
Figure 4. Current Derating, Case
TJ = 125°C
TJ = 25°C


Similar Part No. - MBRB2535CTLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB2535CTLT4G ONSEMI-MBRB2535CTLT4G Datasheet
142Kb / 5P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results

Similar Description - MBRB2535CTLT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
logo
Motorola, Inc
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
   SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
   SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com