Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB3030CTLG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRB3030CTLG
Description  SWITCHMODE Power Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB3030CTLG Datasheet(HTML) 1 Page - ON Semiconductor

  MBRB3030CTLG Datasheet HTML 1Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 2Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 3Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 4Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 5Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 6Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 7Page - ON Semiconductor MBRB3030CTLG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 6
1
Publication Order Number:
MBRB3030CTL/D
MBRB3030CTL
SWITCHMODE
t
Power Rectifier
These state−of−the−art devices use the Schottky Barrier principle
with a proprietary barrier metal.
Features
Dual Diode Construction, May be Paralleled for Higher Current Output
Guard−Ring for Stress Protection
Low Forward Voltage Drop
125°C Operating Junction Temperature
Maximum Die Size
Short Heat Sink Tab Manufactured − Not Sheared!
Pb−Free Package is Available
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 1.7 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL1 Requirements
ESD Ratings: Machine Model, C (>400 V)
Human Body Model, 3B (>8000 V)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current
(At Rated VR, TC = 115°C) Per Device
IO
15
30
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave,
20 kHz, TC = 115°C)
IFRM
30
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
300
A
Peak Repetitive Reverse Surge Current
(1.0
ms, 1.0 kHz)
IRRM
2.0
A
Storage Temperature Range
Tstg
−55 to +150
°C
Operating Junction Temperature Range
TJ
−55 to +125
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dV/dt
10,000
V/
ms
Reverse Energy, Unclamped Inductive
Surge (TJ = 25°C, L = 3.0 mH)
EAS
224.5
mJ
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES, 30 VOLTS
1
3
4
http://onsemi.com
D2PAK
CASE 418B
PLASTIC
4
3
1
MARKING DIAGRAM
AY
WW
B3030CTLG
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
B3030CTL
= Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
Device
Package
Shipping
ORDERING INFORMATION
MBRB3030CTL
D2PAK
50 Units / Rail
MBRB3030CTLG
D2PAK
(Pb−Free)
50 Units / Rail


Similar Part No. - MBRB3030CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB3030CTLG ONSEMI-MBRB3030CTLG Datasheet
185Kb / 9P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results

Similar Description - MBRB3030CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com