Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC365A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC365A
Description  Hex 3-State Noninverting Buffer with Common Enables
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC365A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC365A Datasheet HTML 1Page - ON Semiconductor MC74HC365A Datasheet HTML 2Page - ON Semiconductor MC74HC365A Datasheet HTML 3Page - ON Semiconductor MC74HC365A Datasheet HTML 4Page - ON Semiconductor MC74HC365A Datasheet HTML 5Page - ON Semiconductor MC74HC365A Datasheet HTML 6Page - ON Semiconductor MC74HC365A Datasheet HTML 7Page - ON Semiconductor MC74HC365A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 2
1
Publication Order Number:
MC74HC365A/D
MC74HC365A
Hex 3-State Noninverting
Buffer with Common
Enables
High−Performance Silicon−Gate CMOS
The MC74HC365A is identical in pinout to the LS365. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This device is a high−speed hex buffer with 3−state outputs and two
common active−low Output Enables. When either of the enables is
high, the buffer outputs are placed into high−impedance states. The
HC365A has noninverting outputs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 90 FETs or 22.5 Equivalent Gates
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
1
16
MC74HC365AN
AWLYYWWG
1
16
HC365AG
AWLYWW
HC
365A
ALYWG
G
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74HC365A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365ADG ONSEMI-MC74HC365ADG Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365ADR2G ONSEMI-MC74HC365ADR2G Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365ADTR2G ONSEMI-MC74HC365ADTR2G Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
More results

Similar Description - MC74HC365A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HCT365A ONSEMI-MC74HCT365A Datasheet
124Kb / 7P
   Hex 3-State Noninverting Buffer with Common Enables and LSTTL Compatible Inputs
June, 2011 ??Rev. 1
logo
Motorola, Inc
MC54-74HC366 MOTOROLA-MC54-74HC366 Datasheet
163Kb / 5P
   Hex 3-State Inverting Buffer with Common Enables
logo
Integral Corp.
IN74HC365 INTEGRAL-IN74HC365 Datasheet
142Kb / 5P
   HEX 3-STATE NONINVERTING BUFFER WITH COMMON ENABLES (High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC365A IKSEMICON-IN74HC365A Datasheet
209Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com