Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV5400.MP2 Datasheet(PDF) 4 Page - QT Optoelectronics

Part # MV5400.MP2
Description  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV5400.MP2 Datasheet(HTML) 4 Page - QT Optoelectronics

  MV5400.MP2 Datasheet HTML 1Page - QT Optoelectronics MV5400.MP2 Datasheet HTML 2Page - QT Optoelectronics MV5400.MP2 Datasheet HTML 3Page - QT Optoelectronics MV5400.MP2 Datasheet HTML 4Page - QT Optoelectronics MV5400.MP2 Datasheet HTML 5Page - QT Optoelectronics MV5400.MP2 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 4 of 6
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in. (mm) FIG.
MV60538.MP6
RED
1.7
2.0
20
.125 (3.18)
6
MV63538.MP6
YLW
2.1
18.0
20
.125 (3.18)
6
MV64538.MP6
GRN
2.2
26.0
20
.125 (3.18)
6
MV67538.MP6
H-E RED
2.1
14.0
20
.125 (3.18)
6
MV60539.MP6
RED
1.7
3.2
20
.180 (4.57)
6
MV63539.MP6
YLW
2.1
20.0
20
.180 (4.57)
6
MV64539.MP6
GRN
2.2
28.0
20
.180 (4.57)
6
MV67539.MP6
H-E RED
2.1
15.0
20
.180 (4.57)
6
LOW CURRENT (2mA)
HLMP-47009.MP6
H-E RED
1.8
2.0
2
.180 (4.57)
6
HLMP-47199.MP6
YLW
1.9
2.0
2
.180 (4.57)
6
HLMP-47409.MP6
GRN
1.9
3.0
2
.180 (4.57)
6
AIGaAs RED
HLMP-D1019.MP6
AIGaAS RED
1.8
70.0
20
.180 (4.57)
6
HLMP-D1509.MP6
AIGaAS RED
1.6
3.0
1
.180 (4.57)
6
ULTRA BRIGHT
MV33509.MP6
YLW*
2.2
150.0
20
.180 (4.57)
6
MV34509.MP6
GRN*
2.2
150.0
20
.180 (4.57)
6
MV37509.MP6
H-E RED*
2.2
150.0
20
.180 (4.57)
6
INTEGRAL RESISTOR
MR30509.MP6
RED
5.0
2.0
13
.180 (4.57)
6
MR30519.MP6
RED
12.0
2.0
13
.180 (4.57)
6
MR33509.MP6
YLW
5.0
4.0
10
.180 (4.57)
6
MR33519.MP6
YLW
12.0
4.0
13
.180 (4.57)
6
MR34509.MP6
GRN
5.0
4.0
12
.180 (4.57)
6
MR34519.MP6
GRN
12.0
4.0
13
.180 (4.57)
6
MR37509.MP6
H-E RED
5.0
4.0
10
.180 (4.57)
6
MR37519.MP6
H-E RED
12.0
4.0
13
.180 (4.57)
6
BICOLOR**
MV54919.MP6
RED/GRN
2.3
6.0
20
.180 (4.57)
6
T-1 3/4 (5mm)
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP7
RED
1.7
2.0
20
.125
(3.18)
7
MV63538.MP7
YLW
2.1
18.0
20
.125
(3.18)
7
MV64538.MP7
GRN
2.2
26.0
20
.125
(3.18)
7
MV67538.MP7
H-E RED
2.1
14.0
20
.125
(3.18)
7
MV60539.MP7
RED
1.7
3.2
20
.183
(4.65)
7
MV63539.MP7
YLW
2.1
20.0
20
.183
(4.65)
7
MV64539.MP7
GRN
2.2
28.0
20
.183
(4.65)
7
MV67539.MP7
H-E RED
2.1
15.0
20
.183
(4.65)
7
LOW CURRENT (2mA)
HLMP-47009.MP7
H-E RED
1.8
2.0
2
.183
(4.65)
7
HLMP-47199.MP7
YLW
1.9
2.0
2
.183
(4.65)
7
HLMP-47409.MP7
GRN
1.9
3.0
2
.183
(4.65)
7
AIGaAs RED
HLMP-D1019.MP7 AIGaAs RED
1.8
70.0
20
.183
(4.65)
7
HLMP-D1509.MP7 AIGaAs RED
1.6
3.0
1
.183
(4.65)
7
ULTRA BRIGHT
MV33509.MP7
YLW*
2.2
150.0
20
.183
(4.65)
7
MV34509.MP7
GRN*
2.2
150.0
20
.183
(4.65)
7
MV37509.MP7
H-E RED*
2.2
150.0
20
.183
(4.65)
7
INTEGRAL RESISTOR
MR30509.MP7
RED
5.0
2.0
13
.183
(4.65)
7
MR30519.MP7
RED
12.0
2.0
13
.183
(4.65)
7
MR33509.MP7
YLW
5.0
4.0
10
.183
(4.65)
7
MR33519.MP7
YLW
12.0
4.0
13
.183
(4.65)
7
MR34509.MP7
GRN
5.0
4.0
12
.183
(4.65)
7
MR34519.MP7
GRN
12.0
4.0
13
.183
(4.65)
7
MR37509.MP7
H-E RED
5.0
4.0
10
.183
(4.65)
7
MR37519.MP7
H-E RED
12.0
4.0
13
.183
(4.65)
7
BICOLOR**
MV54919.MP7
RED/GRN
2.3
6.0
20
.183
(4.65)
7
T-1 3/4 (5mm)
MAX
.245
(6.22)
CATHODE**
MAX
.245
(6.22)
.145 (3.68) MIN
.020
(.51)
.100
(2.54)
DIM A
.190 DIA
(4.83)
.242 (6.15)
.222 (5.64)
PACKAGE DIMENSIONS
.200
(5.08)
DIM A
MAX
.245
(6.22)
CATHODE**
MAX
.245
(6.22)
.145 MIN
(3.68)
.190 DIA
(4.83)
.100
(2.54)
.020
(.51)
.020
(.51)
.355 (9.02)
FIG. - 6
FIG. - 7
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.


Similar Part No. - MV5400.MP2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV5400.MP2 QT-MV5400.MP2 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - MV5400.MP2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com