Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT86AFG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HCT86AFG
Description  Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT86AFG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HCT86AFG Datasheet HTML 1Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 2Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 3Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 4Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 5Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 6Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 7Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74HCT86A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
Plastic DIP†
SOIC Package†
TSSOP Package†
750
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP, SOIC or TSSOP Package)
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating — Plastic DIP: – 10 mW/_C from 65_ to 125_C
SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout DC Input Voltage, Output Voltage (Referenced to
GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HCT86AFG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT04A MOTOROLA-MC74HCT04A Datasheet
144Kb / 6P
   Hex Inverter
logo
ON Semiconductor
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
More results

Similar Description - MC74HCT86AFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
logo
Leshan Radio Company
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
   Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
logo
Leshan Radio Company
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74HCT08A ONSEMI-MC74HCT08A_14 Datasheet
122Kb / 6P
   Quad 2-Input AND Gate with LSTTL Compatible
February, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com