Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U4EA-CU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM3U4EA-CU
Description  AT91ARM Cortex M3-based Microcontrollers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U4EA-CU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM3U4EA-CU Datasheet HTML 2Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 3Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 4Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 5Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 6Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 7Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 8Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 9Page - ATMEL Corporation ATSAM3U4EA-CU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
6430CS–ATARM–09-Apr-10
SAM3U Series
Flash Memory
ERASE
Flash and NVM Configuration Bits Erase
Command
Input
High
VDDBU
Internal permanent 15K
pulldown
Reset/Test
NRST
Microcontroller Reset
I/O
Low
VDDIO
Internal permanent
pullup
NRSTB
Asynchronous Microcontroller Reset
Input
Low
VDDBU
Internal permanent
pullup
TST
Test Select
Input
Internal permanent
pulldown
Universal Asynchronous Receiver Transceiver - UART
URXD
UART Receive Data
Input
UTXD
UART Transmit Data
Output
PIO Controller - PIOA - PIOB - PIOC
PA0 - PA31
Parallel IO Controller A
I/O
VDDIO
•Schmitt Trigger (1)
Reset State:
•PIO Input
•Internal pullup enabled
PB0 - PB31
Parallel IO Controller B
I/O
•Schmitt Trigger (2)
Reset State:
•PIO Input
•Internal pullup enabled
PC0 - PC31
Parallel IO Controller C
I/O
•Schmitt Trigger(3)
Reset State:
•PIO Input
•Internal pullup enabled
External Bus Interface
D0 - D15
Data Bus
I/O
A0 - A23
Address Bus
Output
NWAIT
External Wait Signal
Input
Low
Static Memory Controller - SMC
NCS0 - NCS3
Chip Select Lines
Output
Low
NWR0 - NWR1
Write Signal
Output
Low
NRD
Read Signal
Output
Low
NWE
Write Enable
Output
Low
NBS0 - NBS1
Byte Mask Signal
Output
Low
NAND Flash Controller - NFC
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
NANDRDY
NAND Ready
Input
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments


Similar Part No. - ATSAM3U4EA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U4EA-CU ATMEL-ATSAM3U4EA-CU Datasheet
1Mb / 61P
   AT91ARM M3 Cortex-based Processor
More results

Similar Description - ATSAM3U4EA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
   AT91ARM M3 Cortex-based Processor
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
   AT91 ARM Cortex M3-based Processor
logo
NXP Semiconductors
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
   ARM Cortex-M3 CPU platform
logo
NXP Semiconductors
LPC1100 NXP-LPC1100 Datasheet
1Mb / 2P
   Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
   LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
STMicroelectronics
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
logo
List of Unclassifed Man...
LPC1000 ETC1-LPC1000 Datasheet
6Mb / 153P
   Learn embedded programming with NXP?셲 LPC1000 family of Cortex-M0/M3 microcontrollers!
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com