Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1320N Datasheet(PDF) 2 Page - Analog Power

Part # AM1320N
Description  N-Channel 20V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1320N Datasheet(HTML) 2 Page - Analog Power

  AM1320N Datasheet HTML 1Page - Analog Power AM1320N Datasheet HTML 2Page - Analog Power AM1320N Datasheet HTML 3Page - Analog Power AM1320N Datasheet HTML 4Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AM1320N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1320_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.7
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
VDS = 16 V, VGS = 0 V
1
VDS = 16 V, VGS = 0 V, TJ = 55
oC
10
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 4.5 V
10
A
VGS = 4.5 V, ID = 2.0 A
58
VGS = 2.5 V, ID = 1.7 A
82
Forward Tranconductance
A
gfs
VDS = 10 V, ID = 2.0 A
11.3
S
Diode Forward Voltage
VSD
IS = 1.6 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
7.5
Gate-Source Charge
Qgs
0.6
Gate-Drain Charge
Qgd
1.0
Input Capacitance
Ciss
720
Output Capacitance
Coss
165
Reverse Transfer Capacitance
Crss
60
Turn-On Delay Time
td(on)
8
Rise Time
tr
24
Turn-Off Delay Time
td(off)
35
Fall-Time
tf
10
VDD = 10 V, RL = 15 Ω, ID = 1 A,
VGEN = 4.5 V
ns
VDS = 10 V, VGS = 4.5 V, ID = 2.0 A
nC
VDS = 15 V, VGS = 0 V,
f = 1MHz
pF
Drain-Source On-Resistance
A
rDS(on)
mΩ
Dynamic
b
Static
Zero Gate Voltage Drain Current
IDSS
uA
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit


Similar Part No. - AM1320N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1321P ANALOGPOWER-AM1321P Datasheet
261Kb / 5P
   P-Channel 20-V (D-S) MOSFET
AM1323P ANALOGPOWER-AM1323P Datasheet
333Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM1320N

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com