Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33566D2T-1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33566D2T-1
Description  Smart Voltage Regulator for Peripheral Card Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33566D2T-1 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33566D2T-1 Datasheet HTML 1Page - ON Semiconductor MC33566D2T-1 Datasheet HTML 2Page - ON Semiconductor MC33566D2T-1 Datasheet HTML 3Page - ON Semiconductor MC33566D2T-1 Datasheet HTML 4Page - ON Semiconductor MC33566D2T-1 Datasheet HTML 5Page - ON Semiconductor MC33566D2T-1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC33566
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Note 8)
Characteristic
Symbol
Min
Typ
Max
Unit
+5.0 Vin Supply Voltage Range
+5.0 Vin
4.35
5.0
5.5
Vdc
Reverse Leakage Current from Output
Ireverse
25
μA
Vaux Quiescent Current
Iqaux
2.0
mA
+5.0 Vin Quiescent Current, Operating
Iqvin
10
mA
Load Capacitance (Note 9)
Cload
4.7
22
mF
REGULATOR OUTPUT
Output Voltage
(4.35 V ≤ Vin ≤ 5.5 V, 0 mA ≤ Io ≤ 400 mA) TA = 25°C
(TJ = −5°C to 150°C)
+3.3 Vout
3.267
3.234
3.30
3.30
3.333
3.366
Vdc
In−to−Out Voltage
(3.9 V ≤ Vin ≤ 4.35 V, Vaux = 3.3 V)
Vd
3.0
Vdc
Voltage Out at Max Voltage In
(Vin = 7.0 V)
Voutmax
3.1
3.3
3.5
Vdc
Line Regulation
(Io = 400 mA)
Linereg
0.4
%
Load Regulation
(Io = 0 to 400 mA)
Loadreg
0.8
%
5.0 V DETECT
Low Threshold Voltage
(+5.0 Vin Falling, Io = 400 mA)
VthresLo
3.9
4.05
Vdc
High Threshold Voltage
(+5.0 Vin Rising, Io = 400 mA)
VthresHi
4.2
4.35
Vdc
Hysteresis
Vhyst
0.05
Vdc
DRIVE OUTPUT
Output Peak Source Current
(+5.0 Vin > VthresHi)
Ipeak
15
mA
Output Peak Sink Current
(+5.0 Vin < VthresLo)
Ipeak
15
mA
Low Output Voltage
(IoL = 200 μA, Vin < VthresLo)
VoL
100
200
mVdc
High Output Voltage
(IoH = 200 μA)
VoH
3.4
Vdc
8. −5°C < Ta < 70°C, 4.35 V < Vin < 5.5 V, Cload ≥ 4.7 μF unless otherwise noted.
9. 4.7 μF minimum over temperature; 22 μF recommended; 500 mW ESR maximum.


Similar Part No. - MC33566D2T-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560DTB ONSEMI-MC33560DTB Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DTB ONSEMI-MC33560DTB Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
More results

Similar Description - MC33566D2T-1

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80185 ZILOG-Z80185 Datasheet
484Kb / 95P
   SMART PERIPHERAL CONTROLLERS
logo
Texas Instruments
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
STMicroelectronics
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
ON Semiconductor
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Vishay Siliconix
SI91861 VISHAY-SI91861 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com