Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ1608F470B Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ1608F470B
Description  Chip Beads(SMD) For Signal Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608F470B Datasheet(HTML) 2 Page - TDK Electronics

  MMZ1608F470B Datasheet HTML 1Page - TDK Electronics MMZ1608F470B Datasheet HTML 2Page - TDK Electronics MMZ1608F470B Datasheet HTML 3Page - TDK Electronics MMZ1608F470B Datasheet HTML 4Page - TDK Electronics MMZ1608F470B Datasheet HTML 5Page - TDK Electronics MMZ1608F470B Datasheet HTML 6Page - TDK Electronics MMZ1608F470B Datasheet HTML 7Page - TDK Electronics MMZ1608F470B Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(2/8)
012-01 / 20100324 / e9412_mmz1608.fm
• All specifications are subject to change without notice.
MATERIAL CHARACTERISTICS
B material: This type is perfectly suited for fast digital signals.
By equalizing R components and X components that
beads possess at a frequency of 5MHz, it is able to
suppress overshooting, undershooting and ringing of
fast digital signals.
R material: For wide frequency applications calling for broad
impedance characteristics.
For digital signal line applications calling requiring
good waveform integrity. Impedance values selected
for effectiveness at 10 to 200MHz.
S material: Standard type that features impedance characteristics
similar to those of a typical ferrite core.
For signal line applications in which the blocking region
is near 100MHz. Impedance values selected for
effectiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz
region and above.
For signal line applications in which the signal
frequency is far from the cutoff frequency. Impedance
values selected for effectiveness at 80 to 400MHz.
A material: This high-impedance product is based on the
impedance frequency characteristics of our Y-material.
The product offers excellent impedance
characteristics, which is greater than 2500
Ω, in the
vicinity of 100MHz range (MMZ1608A252B).
Q material: For high-band applications designed for 100MHz and
above. Impedance values selected for effectiveness at
100 to 800MHz.
D material: For applications calling for low insertion loss at low
frequencies and sharply increasing impedance at high
frequencies. Designed for high impedance at high
frequencies (300MHz to 1GHz) for signal line
applications.
F material: This new product inherits the characteristic of our
D-material, namely its sharp impedance rise time, and
its impedance peak frequency has been shifted higher
into range.
The product offers excellent noise suppression from
600MHz to as high as in the GHz range.
TYPICAL MATERIAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
0
500
1000
1500
2000
2500
10
100
1000
Frequency(MHz)
B
R
S
A
Y
Q
D
F
Part No.
Impedance
(
Ω)
[100MHz]
DC resistance
(
Ω)max.
Rated
current
(mA)max.
Product’s
thickness
T(mm)
MMZ1608B121C
120±25%
0.15
600
0.6
MMZ1608B221C
220±25%
0.25
500
0.6
MMZ1608B301C
300±25%
0.25
500
0.6
MMZ1608B471C
470±25%
0.30
500
0.6
MMZ1608B601C
600±25%
0.40
500
0.6
MMZ1608B102C
1000±25%
0.60
300
0.8
MMZ1608R150A
15±25%
0.05
1500
0.8
MMZ1608R300A
30±25%
0.05
1500
0.8
MMZ1608R600A
60±25%
0.10
800
0.8
MMZ1608R121A
120±25%
0.18
500
0.8
MMZ1608R301A
300±25%
0.25
500
0.8
MMZ1608R471A
470±25%
0.30
500
0.8
MMZ1608R601A
600±25%
0.40
500
0.8
MMZ1608R102A
1000±25%
0.50
400
0.8
MMZ1608S400A
40±25%
0.10
600
0.8
MMZ1608S800A
80±25%
0.15
500
0.8
MMZ1608S121A
120±25%
0.15
500
0.8
MMZ1608S181A
180±25%
0.20
500
0.8
MMZ1608S221A
220±25%
0.20
500
0.8
MMZ1608S301A
300±25%
0.30
500
0.8
MMZ1608S471A
470±25%
0.30
500
0.8
MMZ1608S601A
600±25%
0.35
500
0.8
MMZ1608S102A
1000±25%
0.50
400
0.8
MMZ1608S202A
2000±25%
0.90
200
0.8
MMZ1608Y150B
15±25%
0.05
1500
0.8
MMZ1608Y300B
30±25%
0.05
1500
0.8
MMZ1608Y600B
60±25%
0.15
500
0.8
MMZ1608Y121B
120±25%
0.20
500
0.8
MMZ1608Y221B
220±25%
0.30
500
0.8
MMZ1608Y301B
300±25%
0.30
500
0.8
MMZ1608Y471B
470±25%
0.35
500
0.8
MMZ1608Y601B
600±25%
0.40
500
0.8
MMZ1608Y751B
750±25%
0.45
500
0.8
MMZ1608Y102B
1000±25%
0.50
400
0.8
MMZ1608Y152B
1500±25%
0.60
300
0.8
MMZ1608A182B
1800±25%
0.80
200
0.8
MMZ1608A222B
2200±25%
0.80
200
0.8
MMZ1608A252B
2500±25%
0.80
200
0.8
MMZ1608Q121B
120±25%
0.30
500
0.8
MMZ1608Q221B
220±25%
0.40
500
0.8
MMZ1608Q331B
330±25%
0.50
400
0.8
MMZ1608Q471B
470±25%
0.70
300
0.8
MMZ1608Q601B
600±25%
0.80
200
0.8
MMZ1608Q102B
1000±25%
1.00
200
0.8
MMZ1608D050C
5±2
0.05
700
0.8
MMZ1608D100C
10±5
0.10
500
0.6
MMZ1608D220C
22±25%
0.20
500
0.6
MMZ1608D500C
50±25%
0.25
500
0.6
MMZ1608D800C
80±25%
0.30
500
0.6
MMZ1608D800B
80±25%
0.30
500
0.8
MMZ1608D121C
120±25%
0.30
400
0.6
MMZ1608D121B
120±25%
0.30
400
0.8
MMZ1608D241C
240±25%
0.60
300
0.8
MMZ1608D301B
300±25%
0.70
300
0.8
MMZ1608F030B
3typ.
0.05
700
0.8
MMZ1608F470B
47±25%
0.40
500
0.8
MMZ1608F750B
75±25%
0.55
300
0.8
MMZ1608F121B
120±25%
0.75
200
0.8


Similar Part No. - MMZ1608F470B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608F470BTA00 TDK-MMZ1608F470BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
More results

Similar Description - MMZ1608F470B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MCZ1210-T TDK-MCZ1210-T Datasheet
48Kb / 2P
   Chip Beads(SMD Array) For Audio Signal Line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MCZ1210-D TDK-MCZ1210-D Datasheet
54Kb / 3P
   Chip Beads(SMD Array) For Audio USB1.1 Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com