Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA06WT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBTA06WT1G
Description  Driver Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA06WT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBTA06WT1G Datasheet HTML 1Page - ON Semiconductor MMBTA06WT1G Datasheet HTML 2Page - ON Semiconductor MMBTA06WT1G Datasheet HTML 3Page - ON Semiconductor MMBTA06WT1G Datasheet HTML 4Page - ON Semiconductor MMBTA06WT1G Datasheet HTML 5Page - ON Semiconductor MMBTA06WT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBTA06WT1
http://onsemi.com
4
Figure 8. Collector Saturation Region
Figure 9. Base−Emitter Temperature
Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
0.1
10
0.05
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
1.0
TJ = 25°C
10
RqVB for VBE
50
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
1.0
2.0
5.0
20
50
200
20
2.0
5.0
0.2
0.5


Similar Part No. - MMBTA06WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
139Kb / 5P
   Driver Transistor
October, 2010 -- Rev. 2
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
111Kb / 5P
   Driver Transistor
November, 2012 ??Rev. 4
More results

Similar Description - MMBTA06WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS64LT1 ONSEMI-BSS64LT1 Datasheet
45Kb / 4P
   Driver Transistor(NPN Silicon)
November, 2001 ??Rev. 3
logo
NTE Electronics
NTE2544 NTE-NTE2544 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington Driver
NTE214 NTE-NTE214 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Driver
NTE215 NTE-NTE215 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Driver
NTE2549 NTE-NTE2549 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington Driver, Switch
NTE473 NTE-NTE473 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Driver
NTE2550 NTE-NTE2550 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington Driver, Switch
NTE77 NTE-NTE77 Datasheet
23Kb / 2P
   Silicon NPN Transistor Broadband CATV Driver
NTE255 NTE-NTE255 Datasheet
20Kb / 2P
   Silicon NPN Transistor Horizontal Driver, Amp
logo
Sanyo Semicon Device
FP211 SANYO-FP211 Datasheet
95Kb / 3P
   NPN Epitaxial Planar Silicon Transistor Driver Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com