Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPCQ Datasheet(PDF) 3 Page - Tyco Electronics

Part # GPCQ
Description  GP/ML/TR series 10 Amp Control Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GPCQ Datasheet(HTML) 3 Page - Tyco Electronics

  GPCQ Datasheet HTML 1Page - Tyco Electronics GPCQ Datasheet HTML 2Page - Tyco Electronics GPCQ Datasheet HTML 3Page - Tyco Electronics GPCQ Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
919
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
TR series
10 Amp Control Relay – Timing Version
TR Design/Construction
Couples an advanced electromechanical design with a field-proven solid-
state timing network, an adaptation of the circuit used in the AGASTAT
premium grade SSC Timer.
This unique circuit also eliminates the need for supplementary
temperature-compensation components, affording unusual stability over a
realistically broad operating temperature range. It also provides transient
protection and protection against premature switching of the output
contacts due to power interruption during timing.
TR Features
• 8 timing ranges.
• 4 SPDT contacts.
• Magnetic blowout device option increases DC current carrying ability
approximately ten times for both N.O. and N.C. contacts. In both AC and
DC operation, the addition of the device will normally double the contact
life, due to reduced arcing.
Contact Data @ 25°C
Arrangements: 4 Form C (4PDT)
Nominal Rating: 10A @ 120VAC.
Contact Pressure:
Between movable and normally closed contacts: 30 g, typical.
Between movable and normally open contacts: 100 g, typical.
Expected Life: Mechanical: 100 million operations.
Electrical: See load/life graph.
Load Life Curve
Timing Specifications
Operating Mode: On-Delay (Delay on energization).
Timing Adjustment: Internal fized or internal potentiometer.
Timing Ranges:
.15 to 3 sec.
4 to 120 sec.
.55 to 15 sec.
10 to 300 sec.
1 to 30 sec.
1 to 30 min.
2 to 60 sec.
2 to 60 min.
Accuracy:
Repeat: ±2% as fixed temerature and voltage.
Overall: ±5% over combined rated extremes of temerature and voltage.
Reset Time: 75ms.
Coil Data
Voltage: 120VAC, 50-60 Hz.; 24 & 125VDC.
Initial Dielectric Strength
Between terminals and case and between mutually-isolated
contacts: 2,000VAC.
Initial Insulation Resistance
Between non-connected terminals: 109 ohms at 500VDC.
Between non-connected terminals & relay yoke: 109 ohms at 500VDC.
Environmenal Data
Operating Temperature Range: 0°C to +50°C.
Mechanical Data
Mounting Terminals: 16 flat base pins. Screw terminal sockets are
available.
Weight: 11 oz. (311g) approximately.
Transient Protection
1,500 volt transient of less than 100 microseconds, or 1,000 volts or less.
Ordering Information
Typical Part No.
TR
1
4
B
1
A
N
1. Basic Series:
TR = Timing control relay
2. Operation:
1 = On-delay
3. Output:
4 = 4PDT (4 form C)
4. Operating Voltage:
B = 24VDC
D = 215VDC
I = 120VAC, 50/60 Hz.
5. Timing Adjustment:
1 = Internal fixed.
3 = Internal potentiometer.
6. Timing Range:
A = .15 to 3 sec.
C = 1 to 30 sec.
E = 4 to 120 sec.
I = 2 to 60 min.
B = .55 to 15 sec.
D = 2 to 60 sec.
G = 10 to 300 sec.
N = 1 to 30 min.
7. Options:
N = Magnetic blow-out device.
Wiring Diagram (Bottom View)
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
None at present.
Outline Dimensions
Same as GP/MR. See previous page.


Similar Part No. - GPCQ

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10024D-NnnV-C GENERALPLUS-GPC10024D-NnnV-C Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10048A-NnnV-C GENERALPLUS-GPC10048A-NnnV-C Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
   Sound Controller with 64K-byte ROM
More results

Similar Description - GPCQ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8457 TEC-408-8457 Datasheet
211Kb / 2P
   GP and TR Series Control Relays
logo
Nais(Matsushita Electri...
HP2-DC6V NAIS-HP2-DC6V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com