Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-XB20SHF1-NPBE3000 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-XB20SHF1-NPBE3000
Description  FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-XB20SHF1-NPBE3000 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  FI-XB20SHF1-NPBE3000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-XB20SHF1-NPBE3000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
54
Dimensions and specifications subject to change without notice.
FI-X SERIES CONNECTORS
1.00mm (.039") Contact Spacing, Connector for PCB-to-Cable
• • • • • • • • • • • • • •
The FI-X Series connectors are designed for thin LCD interface
applications, and are compatible with high-speed differential
transmissions. They are ideal for use in compact notebook PCs, and
other applications where size and weight are critical considerations.
FEATURES
• Compatible with high-speed differential
transmission and high-level impedance matching
(90 to 100 ohms)
• Greatly improved ground condition which is
directly related to EMI characteristics
• Bottom type structure provides 1.5mm (.059")
connector height and 1mm (.039") height above the
PCB
• 1mm (.039") contact pitch with impedance
matching
• FPC provides stable grounding to the PCB
• Compatible with a variety of cables such as thin
wire coaxial cables and flex circuitry
• Friction lock housing enables secure connections
GENERAL SPECIFICATIONS
Number of Contacts
14, 20, 30
14 (specifically designed for
differential transmission/ 7 pairs)
Contact Spacing
1.0mm (.039")
Applicable FPC
0.14mm ± 0.03mm(.005” ± .001"))
Current Rating
AC/DC 1 Amp per contact
Dielectric Withstanding Voltage
500 VAC r.m.s. (for one minute)
Insulation Resistance
100 megohms min.
Contact Resistance
40 milliohms max.
Operating Temperature
-40°C to +80°C
Voltage Rating
AC/DC 200V
MATERIALS AND FINISHES
FI-XB**SL-HF10 (Board Connector)
Ground Plate Copper Alloy / Tin plating
Insulator
Glass filled 4-6 Nylon (UL94V-0, Beige)
Shell
Copper Alloy/Tin plating
Contact
Copper Alloy/Gold plating over Nickel
Terminal Area: Tin'Lead over Nickel
FI-X**M (Cable Connector)
Ground Plate Copper Alloy / Tin plating
Insulator
Glass filled 4-6 Nylon (UL94V-0, Beige)
Shell
Copper Alloy/Tin plating
Slider
Thermal Plasticity plating
Contact
Copper Alloy/Gold plating over Nickel
Mating FPC Area: Tin'Lead over Nickel
1
(.039)
7.9 (.311)
1.3 (.051)
CONTACT STROKE
PCB
FPC
Connector Profile (Ref.)
(Continued Next Page)


Similar Part No. - FI-XB20SHF1-NPBE3000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-XB20S-HF10 JAE-FI-XB20S-HF10 Datasheet
772Kb / 12P
   LCD interface connector compatible with high-speed differential transmission
FI-XB20SR-HF11 JAE-FI-XB20SR-HF11 Datasheet
772Kb / 12P
   LCD interface connector compatible with high-speed differential transmission
More results

Similar Description - FI-XB20SHF1-NPBE3000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-SEB20P-HFE JAE-FI-SEB20P-HFE Datasheet
375Kb / 9P
   FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X30HL-T JAE-FI-X30HL-T Datasheet
312Kb / 8P
   1.00mm (.039) Contact Spacing, Connector for PCB-to-Cable
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
DA1 JAE-DA1 Datasheet
321Kb / 7P
   DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
FI-S6P-HFE JAE-FI-S6P-HFE Datasheet
383Kb / 9P
   1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
   2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
MX34 JAE-MX34 Datasheet
155Kb / 6P
   Compact Automotive Connectors for PCB-to-Cable Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com