Selected language     English  ▼


H-18 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. H-18
Description  Make & Break Load Switching
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Features:
Features:
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
37
26.5
16
1 - 10
250
12
8
.5 - 5
60
H-18
Nominal, Volts dc
Pickup, Volts dc, Maximum
Drop-Out, Volts dc
Coil Resistance (Ohms ±10%)
Kilovac H-18 Make & Break Load Switching
8 kV 
Part Number
Contact Arrangement ..........................................................
Contact Form ........................................................................
Test Voltage (dc or 60Hz) ...................................................
Rated Operating Voltage
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Continuous Carry Current , Maximum
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Coil Hi-Pot (V RMS, 60 Hz) ...........................................
Contact Capacitance
Between Open Contacts .................................................
Open Contacts to Ground ..............................................
Contact Resistance, Maximum ...........................................
Operate Time, Maximum .....................................................
Release Time, Maximum .....................................................
Shock, 11 ms 1/2 Sine ........................................................
Vibration, 10 G’s Peak .........................................................
Operating Ambient Temperature Range ............................
Mechanical Life (Operations x 106) ....................................
Weight, Nominal (oz) ..........................................................
PRODUCT SPECIFICATIONS
COIL DATA
115
80
5 - 50
3500
PART NUMBER SELECTION
Sample Part No.
Model
H-18
Coil Voltage
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
H-18
/12Vdc
• Smallest DPDT high voltage relay
• Vacuum dielectric for power switching low
current loads
• 8 kV rating; carries 2 Amps at 32 MHz
• Tungsten contacts for power switching low
current loads
• Meets requirements of MIL-R-83725
H-18
DPDT
2C
10
8
5
3
2
10
7
3
2
500
0.8
1.5
0.02
15
15
30
55-500
-55 to +125
1
2.5
Units
kV Peak
kV Peak
Amps
pF
ohms
ms
ms
G's Peak
Hz
o
C
cycles
oz.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl