Selected language     English  ▼


H-19 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. H-19
Description  Make & Break Load Switching
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Features:
Features:
50
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
20 / 25 kV 
Kilovac H-19 Make & Break Load Switching
Kilovac H-17 Make & Break Load Switching
Part Number
Contact Arrangement ..........................................................
Contact Form ........................................................................
Test Voltage (dc or 60Hz) ...................................................
Rated Operating Voltage .....................................................
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Continuous Carry Current , Maximum ...............................
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Coil Hi-Pot (V RMS, 60 Hz) ...........................................
Contact Capacitance ............................................................
Between Open Contacts .................................................
Open Contacts to Ground ..............................................
Contact Resistance, Maximum ...........................................
Operate Time, Maximum .....................................................
Release Time, Maximum .....................................................
Shock, 11 ms 1/2 Sine ........................................................
Vibration, 10 G’s Peak .........................................................
Operating Ambient Temperature Range ............................
Mechanical Life (Operations x 106) ....................................
Weight, Nominal ..................................................................
• Will isolate 12 kV at 32 MHz
• Tungsten contacts suitable for power
switching low current loads
• Available with corona shield connectors
• Meets requirements of MIL-R-83725
• QPL version available, M83725/2
Coil Resistance
(Ohms ±10%)
12
8
.5 - 5
48
24
Nominal, Volts dc
Pickup, Volts dc, Maximum
Drop-Out, Volts dc
COIL DATA
26.5
16
1 - 10
225
120
115
80
5 - 50
2100
2900
H-19
H-17
Ratings listed are for 25°C, sea level conditions
PRODUCT SPECIFICATIONS
• 20 kV operating voltage
• Vacuum dielectric and tungsten contacts for
power switching low current loads
• Double pole, double throw contacts
• Available with corona shield connectors
• Meets requirements of MIL-R-83725
PART NUMBER SELECTION
Sample Part No. H-
Model
H-19
H-17
Coil Voltage
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
COIL
17
/12Vdc
Units
kV Peak
kV Peak
Amps
pF
ohms
ms
ms
Peak G's
Hz
o
C
Cycles
oz.
H-19
H-17
DPDT
SPDT
2C
C
25
30
20
25
15
20
10
15
712
30
30
18
16
910
68
500
500
11
2.5
2.5
0.015
0.015
30
25
20
25
30
20
55-500
55-500
-55 to +125
-55 to +125
11
8.5
7




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl