Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2P02HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2P02HD
Description  Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2P02HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2P02HD Datasheet HTML 1Page - ON Semiconductor MMDF2P02HD Datasheet HTML 2Page - ON Semiconductor MMDF2P02HD Datasheet HTML 3Page - ON Semiconductor MMDF2P02HD Datasheet HTML 4Page - ON Semiconductor MMDF2P02HD Datasheet HTML 5Page - ON Semiconductor MMDF2P02HD Datasheet HTML 6Page - ON Semiconductor MMDF2P02HD Datasheet HTML 7Page - ON Semiconductor MMDF2P02HD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMDF2P02HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0
0
2
4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
02
4
10
0.6
0.04
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage Current
versus Voltage
VDS ≥ 10 V
100
°C
25
°C
TJ = − 55°C
0.4
68
−50
0
50
100
150
3
1
1
2
4
3
1.0
1.5
2.0
3.5
0.2
0.20
0.08
0
1.0
2.0
3.0
4.0
0.6
10
0
5
10
15
VGS = 10 V
ID = 2 A
1.4
20
0
0.16
0.12
2.5
3.0
ID = 1 A
TJ = 25°C
TJ = 25°C
0.5
1.5
2.5
3.5
10 V
VGS = 4.5 V
−25
25
75
125
0.8
1.6
1.2
VGS = 0 V
TJ = 125°C
100
°C
1.0
3.7 V
3.1 V
2.7 V
2.9 V
3.3 V
3.5 V
4.5 V
3.9 V
TJ = 25°C
2.5 V
VGS = 10 V
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2


Similar Part No. - MMDF2P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
logo
VBsemi Electronics Co.,...
MMDF2P02HDR2G VBSEMI-MMDF2P02HDR2G Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MMDF2P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
   Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
   Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
   Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
   Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
NTGS3443T1 ONSEMI-NTGS3443T1 Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTMS10P02R2 ONSEMI-NTMS10P02R2 Datasheet
92Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel Enhancement?묺ode Single SO?? Package
December, 2003 ??Rev. 2
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
   Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
   Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
   Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com