Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB50P03HDLT4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTB50P03HDLT4
Description  Power MOSFET 50 Amps, 30 Volts, Logic Level P?묬hannel D2PAK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB50P03HDLT4 Datasheet(HTML) 6 Page - ON Semiconductor

  MTB50P03HDLT4 Datasheet HTML 1Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 2Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 3Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 4Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 5Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 6Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 7Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 8Page - ON Semiconductor MTB50P03HDLT4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MTB50P03HDL
http://onsemi.com
6
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
ms
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
25
150
50
100
125
75
0
1400
800
600
400
200
1000
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
1.0
10
100
1
10
100
1000
100
ms
1 ms
10 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
ID = 50 A
1200
dc


Similar Part No. - MTB50P03HDLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB50P03HDLT4G ONSEMI-MTB50P03HDLT4G Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
VBsemi Electronics Co.,...
MTB50P03HDLT4G VBSEMI-MTB50P03HDLT4G Datasheet
967Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MTB50P03HDLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
MTB2P50E ONSEMI-MTB2P50E Datasheet
90Kb / 8P
   Power MOSFET 2 Amps, 500 Volts P?묬hannel D2PAK
June, 2006 ??Rev. 4
MTP50P03HDL ONSEMI-MTP50P03HDL Datasheet
91Kb / 8P
   Power MOSFET 50 Amps, 30 Volts, Logic Level P-Channel TO-220
July, 2006 ??Rev. 6
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
MTD20N03HDLT ONSEMI-MTD20N03HDLT Datasheet
101Kb / 9P
   Power MOSFET 20 Amps, 30 Volts, Logic Level
June, 2006 ??Rev. 6
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com