Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-RE31HL Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RE31HL
Description  Connector for Internal Serial Transmission
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE31HL Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-RE31HL Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FI-RE31HL Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MB-0153-2
10/15
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Ordering Information
FI-R C3 –1A –1E – 15000
Series
1A: Upper Contact
Modification Code
Upper Contact for Crimp Housing (SJ103060 )
Contact for Crimp Housing
Magazine Assembly
15000pcs. / reel
Unit: mm
B2


Similar Part No. - FI-RE31HL

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RE31HL JAE-FI-RE31HL Datasheet
130Kb / 1P
   SHELL COPPER ALLOY
More results

Similar Description - FI-RE31HL

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
   Inline terminal for serial data transmission
2863627 PHOENIX-2863627 Datasheet
470Kb / 20P
   Inline terminal for serial data transmission
6878 PHOENIX-6878 Datasheet
1Mb / 28P
   Inline terminal for serial data transmission
6985 PHOENIX-6985 Datasheet
470Kb / 20P
   Inline terminal for serial data transmission
8235 PHOENIX-8235 Datasheet
286Kb / 22P
   Inline communication terminal for serial data transmission
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Sony Corporation
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
   Serial Interface/Transmission Encorder
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
   SERIAL INTERFACE TRANSMISSION ENCODER
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
   Serial Interface/Transmission Encorder
logo
List of Unclassifed Man...
SBX1639-02 ETC1-SBX1639-02 Datasheet
29Kb / 2P
   SERIAL DATA TRANSMISSION EQUALIZER AND RE-GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com