Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-RC3-1A-1E-15000 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-RC3-1A-1E-15000
Description  Connector for Internal Serial Transmission
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RC3-1A-1E-15000 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-RC3-1A-1E-15000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-RC3-1A-1E-15000 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MB-0153-2
7/15
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Ordering Information
Receptacle (Straight, shell type)
Individual Connector (SJ102933 )
Dimensions
Recommended board dimensions
Unit: mm
Drawing when mated (for reference)
FI-R E ** S -VF
Series
No. of Contacts:
21, 31, 41, 51 pos.
Receptacle
Straight Type
E: Shell Type
A2


Similar Part No. - FI-RC3-1A-1E-15000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RC3-1A-1E-15000 JAE-FI-RC3-1A-1E-15000 Datasheet
121Kb / 1P
   APPLICABLE WIRE: #30~#36 AWG. STANDERD
More results

Similar Description - FI-RC3-1A-1E-15000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
   Inline terminal for serial data transmission
2863627 PHOENIX-2863627 Datasheet
470Kb / 20P
   Inline terminal for serial data transmission
6878 PHOENIX-6878 Datasheet
1Mb / 28P
   Inline terminal for serial data transmission
6985 PHOENIX-6985 Datasheet
470Kb / 20P
   Inline terminal for serial data transmission
8235 PHOENIX-8235 Datasheet
286Kb / 22P
   Inline communication terminal for serial data transmission
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Sony Corporation
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
   Serial Interface/Transmission Encorder
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
   SERIAL INTERFACE TRANSMISSION ENCODER
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
   Serial Interface/Transmission Encorder
logo
List of Unclassifed Man...
SBX1639-02 ETC1-SBX1639-02 Datasheet
29Kb / 2P
   SERIAL DATA TRANSMISSION EQUALIZER AND RE-GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com