Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD530 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MURD530
Description  SWITCHMODE Power Rectifier DPAK Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURD530 Datasheet(HTML) 5 Page - ON Semiconductor

  MURD530 Datasheet HTML 1Page - ON Semiconductor MURD530 Datasheet HTML 2Page - ON Semiconductor MURD530 Datasheet HTML 3Page - ON Semiconductor MURD530 Datasheet HTML 4Page - ON Semiconductor MURD530 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MURD530
http://onsemi.com
5
PACKAGE DIMENSIONS
DPAK
CASE 369C
ISSUE A
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
MURD530/D
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MURD530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 3
logo
Zibo Seno Electronic En...
MURD530 ZSELEC-MURD530 Datasheet
184Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Inchange Semiconductor ...
MURD530 ISC-MURD530 Datasheet
327Kb / 2P
   Ultrafast Recorvery Diode
logo
ON Semiconductor
MURD530T4G ONSEMI-MURD530T4G Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 3
MURD530T4G ONSEMI-MURD530T4G Datasheet
72Kb / 5P
   Switch-mode PowerRectifier
July, 2015 ??Rev. 5
More results

Similar Description - MURD530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
logo
Motorola, Inc
MBRD620CT MOTOROLA-MBRD620CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com