Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N25S818HA Datasheet(PDF) 6 Page - ON Semiconductor

Part # N25S818HA
Description  256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S818HA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button N25S818HA Datasheet HTML 2Page - ON Semiconductor N25S818HA Datasheet HTML 3Page - ON Semiconductor N25S818HA Datasheet HTML 4Page - ON Semiconductor N25S818HA Datasheet HTML 5Page - ON Semiconductor N25S818HA Datasheet HTML 6Page - ON Semiconductor N25S818HA Datasheet HTML 7Page - ON Semiconductor N25S818HA Datasheet HTML 8Page - ON Semiconductor N25S818HA Datasheet HTML 9Page - ON Semiconductor N25S818HA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 9 | Page 6 of 15 | www.onsemi.com
N25S0818HA
Functional Operation
Basic Operation
The 256Kb serial SRAM is designed to interface directly with a standard Serial Peripheral Interface (SPI)
common on many standard micro-controllers. It may also interface with other non-SPI ports by
programming discrete I/O lines to operate the device.
The serial SRAM contains an 8-bit instruction register and is accessed via the SI pin. The CS pin must be
low and the HOLD pin must be high for the entire operation. Data is sampled on the first rising edge of
SCK after CS goes low. If the clock line is shared, the user can assert the HOLD input and place the
device into a Hold mode. After releasing the HOLD pin, the operation will resume from the point where it
was held.
The following table contains the possible instructions and formats. All instructions, addresses and data are
transferred MSB first and LSB last.
Control Signal Descriptions
Signal
Name
I/O
Description
CS
Chip Select
I
A low level selects the device and a high level puts the device in standby mode. If
CS is brought high during a program cycle, the cycle will complete and then the
device will enter standby mode. When CS is high, SO is in high-Z. CS must be
driven low after power-up prior to any sequence being started.
SCK
Serial Clock
I
Synchronizes all activities between the memory and controller. All incoming
addresses, data and instructions are latched on the rising edge of SCK. Data out is
updated on SO after the falling edge of SCK.
SI
Serial Data In
I
Receives instructions, addresses and data on the rising edge of SCK.
SO
Serial Data Out
O
Data is transferred out after the falling edge of SCK.
HOLD
Hold
I
A high level is required for normal operation. Once the device is selected and a
serial sequence is started, this input may be taken low to pause serial communica-
tion without resetting the serial sequence. The pin must be brought low while SCK
is low for immediate use. If SCK is not low, the Hold function will not be invoked
until the next SCK high to low transition. The device must remain selected during
this sequence. SO is high-Z during the Hold time and SI and SCK are inputs are
ignored. To resume operations, HOLD must be pulled high while the SCK pin is
low.
Lowering the HOLD input at any time will take to SO output to High-Z.
Instruction Set
Instruction
Instruction Format
Description
READ
0000 0011
Read data from memory starting at selected address
WRITE
0000 0010
Write data to memory starting at selected address
RDSR
0000 0101
Read status register
WRSR
0000 0001
Write status register


Similar Part No. - N25S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HA ONSEMI-N25S818HA Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HAS21I ONSEMI-N25S818HAS21I Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HAS21IT ONSEMI-N25S818HAS21IT Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HAT21I ONSEMI-N25S818HAT21I Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HAT21IT ONSEMI-N25S818HAT21IT Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N25S818HA

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
ON Semiconductor
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24032ASA00I RENESAS-R1EX24032ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com