Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N04L63W2AB7IT Datasheet(PDF) 1 Page - ON Semiconductor

Part # N04L63W2AB7IT
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N04L63W2AB7IT Datasheet(HTML) 1 Page - ON Semiconductor

  N04L63W2AB7IT Datasheet HTML 1Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 2Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 3Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 4Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 5Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 6Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 7Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 8Page - ON Semiconductor N04L63W2AB7IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N04L63W2A
©2008 SCILLC. All rights reserved.
Publication Order Number:
July 2008 - Rev. 10
N04L63W2A/D
4Mb Ultra-Low Power Asynchronous CMOS SRAM
256K × 16 bit
Overview
The N04L63W2A is an integrated memory device
containing a 4 Mbit Static Random Access Memory
organized as 262,144 words by 16 bits. The device
is designed and fabricated using ON
Semiconductor’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N04L63W2A is optimal
for various applications where low-power is critical
such as battery backup and hand-held devices.
The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 256Kb x 16 SRAMs
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
4.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs (Typical)
• Very low Page Mode operating current
0.8mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
25ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Compact space saving BGA package avail-
able
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Options
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N04L63W2AB
48 - BGA
-40oC to +85oC 2.3V - 3.6V
70ns @ 2.7V
55ns @ 2.7V
4
µA2 mA @ 1MHz
N04L63W2AT
44 - TSOP II
N04L63W2AB2
48 - BGA Green
N04L63W2AT2
44 - TSOP II Green
PIN
ONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE1
I/O0
I/O1
I/O2
I/O3
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A16
A15
A14
A13
A12
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
VSS
VCC
I/O11
I/O10
I/O9
I/O8
CE2
A8
A9
A10
A11
A17
12
34
56
A
LB
OE
A0
A1
A2
CE2
B I/O8 UB
A3
A4
CE1
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 A17 A7 I/O3 VCC
E VCC I/O12 NC A16 I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H
NC
A8
A9
A10
A11
NC
48 Pin BGA (top)
6 x 8 mm
Pin Descriptions
Pin Name
Pin Function
A0-A17
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Similar Part No. - N04L63W2AB7IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W1AB27I ONSEMI-N04L63W1AB27I Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W1AB27IT ONSEMI-N04L63W1AB27IT Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W1AB7I ONSEMI-N04L63W1AB7I Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W1AB7IT ONSEMI-N04L63W1AB7IT Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
More results

Similar Description - N04L63W2AB7IT

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com