Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N25S830HAT22I Datasheet(PDF) 11 Page - ON Semiconductor

Part # N25S830HAT22I
Description  256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S830HAT22I Datasheet(HTML) 11 Page - ON Semiconductor

Back Button N25S830HAT22I Datasheet HTML 7Page - ON Semiconductor N25S830HAT22I Datasheet HTML 8Page - ON Semiconductor N25S830HAT22I Datasheet HTML 9Page - ON Semiconductor N25S830HAT22I Datasheet HTML 10Page - ON Semiconductor N25S830HAT22I Datasheet HTML 11Page - ON Semiconductor N25S830HAT22I Datasheet HTML 12Page - ON Semiconductor N25S830HAT22I Datasheet HTML 13Page - ON Semiconductor N25S830HAT22I Datasheet HTML 14Page - ON Semiconductor N25S830HAT22I Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Rev.
9 | Page 11 of 15 | www.onsemi.com
N25S0830HA
WRITE Status Register Instruction (WRSR)
This instruction provides the ability to write the status register and select among several operating modes.
Several of the register bits must be set to a low ‘0’ if any of the other bits are written. The timing sequence
to write to the status register is shown below, followed by the organization of the status register.
WRITE Status Register Sequence
Status Register
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
654
3
210
High-Z
Status Register Data In
SO
00
0
00
1
0
12
13
14
15
0
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Hold Function
0 = Hold (Default)
1 = No Hold
Reserved
Must = 0
Reserved
Must = 0
Mode
0 0 = Word Mode
(Default)
1 0 = Page Mode
0 1 = Burst Mode
1 1 = Reserved


Similar Part No. - N25S830HAT22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HAT22I ONSEMI-N25S830HAT22I Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
N25S830HAT22IT ONSEMI-N25S830HAT22IT Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
More results

Similar Description - N25S830HAT22I

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
ON Semiconductor
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24032ASA00I RENESAS-R1EX24032ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com