Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L295MMNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB6L295MMNG
Description  2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L295MMNG Datasheet(HTML) 5 Page - ON Semiconductor

  NB6L295MMNG Datasheet HTML 1Page - ON Semiconductor NB6L295MMNG Datasheet HTML 2Page - ON Semiconductor NB6L295MMNG Datasheet HTML 3Page - ON Semiconductor NB6L295MMNG Datasheet HTML 4Page - ON Semiconductor NB6L295MMNG Datasheet HTML 5Page - ON Semiconductor NB6L295MMNG Datasheet HTML 6Page - ON Semiconductor NB6L295MMNG Datasheet HTML 7Page - ON Semiconductor NB6L295MMNG Datasheet HTML 8Page - ON Semiconductor NB6L295MMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NB6L295M
http://onsemi.com
5
Table 4. DC CHARACTERISTICS, MULTI−LEVEL INPUTS VCC = VCC0 = VCC1 = 2.375 V to 3.6 V, GND = 0 V, TA = −40°C to
+85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
ICC
Power Supply Current (Inputs, VTX and Outputs Open) (Sum of ICC,
ICC0, and ICC1)
170
215
mA
CML OUTPUTS (Notes 5 and 6, Figure 22)
VOH
Output HIGH Voltage
VCC = VCC0 = VCC1 = 3.3 V
VCC = VCC0 = VCC1 = 2.5 V
VCC − 40
3260
2460
VCC − 10
3290
2490
VCC
3300
2500
mV
VOL
Output LOW Voltage
VCC = VCC0 = VCC1 = 3.3 V
VCC = VCC0 = VCC1 = 2.5 V
VCC − 500
2800
2000
VCC − 400
2900
2100
VCC − 300
3000
2200
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (see Figures 11 and 12) (Note 7)
Vth
Input Threshold Reference Voltage Range
1050
VCC − 150
mV
VIH
Single−Ended Input HIGH Voltage
Vth +150
VCC
mV
VIL
Single−Ended Input LOW Voltage
GND
Vth − 150
mV
VISE
Single−Ended Input Voltage Amplitude (VIH − VIL)
300
VCC − GND
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (see Figures 13 and 14) (Note 8)
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
GND
VCC − 150
mV
VID
Differential Input Voltage Swing (INx, INx) (VIHD − VILD)
150
VCC − GND
mV
VCMR
Input Common Mode Range (Differential Configuration) (Note 9)
950
VCC – 75
mV
IIH
Input HIGH Current INx/INX, (VTn/VTn Open)
−150
150
mA
IIL
Input LOW Current IN/INX, (VTn/VTn Open)
−150
150
mA
SINGLE−ENDED LVCMOS/LVTTL CONTROL INPUTS
VIH
Single−Ended Input HIGH Voltage
2000
VCC
mV
VIL
Single−Ended Input LOW Voltage
GND
800
mV
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
40
50
60
W
RTOUT
Internal Output Termination Resistor
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. CML outputs loaded with 50 W to VCC for proper operation.
6. Input and output parameters vary 1:1 with VCC.
7. Vth, VIH, VIL, and VISE parameters must be complied with simultaneously. Vth is applied to the complementary input when operating in
single−ended mode.
8. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
9. VCMR(min) varies 1:1 with voltage on GND pin, VCMR(max) varies 1:1 with VCC. The VCMR range is referenced to the most positive side of
the differential input signal.


Similar Part No. - NB6L295MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MMNG ONSEMI-NB6L295MMNG Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
More results

Similar Description - NB6L295MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
logo
Micrel Semiconductor
SY55856U MICREL-SY55856U_08 Datasheet
95Kb / 9P
   2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE
SY55856U MICREL-SY55856U Datasheet
78Kb / 9P
   2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE
logo
ON Semiconductor
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com