Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L295MMNG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB6L295MMNG
Description  2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L295MMNG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB6L295MMNG Datasheet HTML 5Page - ON Semiconductor NB6L295MMNG Datasheet HTML 6Page - ON Semiconductor NB6L295MMNG Datasheet HTML 7Page - ON Semiconductor NB6L295MMNG Datasheet HTML 8Page - ON Semiconductor NB6L295MMNG Datasheet HTML 9Page - ON Semiconductor NB6L295MMNG Datasheet HTML 10Page - ON Semiconductor NB6L295MMNG Datasheet HTML 11Page - ON Semiconductor NB6L295MMNG Datasheet HTML 12Page - ON Semiconductor NB6L295MMNG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NB6L295M
http://onsemi.com
11
GND
VCC
GND
LVPECL
Driver
50 W
Zo = 50 W
Zo = 50 W
50 W
NB6L295M
VCC
VTx
GND
VCC
GND
CML
Driver
50 W*
Zo = 50 W
Zo = 50 W
50 W*
NB6L295M
VTx = VTx = VCC
Figure 17. LVPECL Interface
Figure 18. LVDS Interface
VTx = VTx = VCC − 2.0 V
Figure 19. CML Interface, Standard 50 W Load
GND
GND
LVDS
Driver
50 W*
Zo = 50 W
Zo = 50 W
50 W*
NB6L295M
VTx = VTx
Figure 20. Capacitor−Coupled Differential
Interface (VTx/VTx Connected to VREFAC;
VREFAC Bypassed to Ground with 0.1 mF
Capacitor)
Figure 21. Capacitor−Coupled Single−Ended
Interface (VTx/VTx Connected to External VREFAC;
VREFAC Bypassed to Ground with 0.1 mF Capacitor)
VTx
VTx
VTx
VTx
VTx
VCC
VCC
VCC
VCC
INx
INx
INx
INx
INx
INx
GND
VCC
GND
Differential
Driver
50 W*
Zo = 50 W
Zo = 50 W
50 W*
NB6L295M
VTx = VTx = External VREFAC
VTx
VTx
VREFAC
VCC
INx
INx
GND
VCC
GND
50 W*
Zo = 50 W
50 W*
NB6L295M
VTx = VTx = External VREFAC
VTx
VTx
VREFAC
VCC
INx
INx
Single−Ended
Driver


Similar Part No. - NB6L295MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MMNG ONSEMI-NB6L295MMNG Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
More results

Similar Description - NB6L295MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
logo
Micrel Semiconductor
SY55856U MICREL-SY55856U_08 Datasheet
95Kb / 9P
   2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE
SY55856U MICREL-SY55856U Datasheet
78Kb / 9P
   2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE
logo
ON Semiconductor
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com