Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L572MNR4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7L572MNR4G
Description  2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L572MNR4G Datasheet(HTML) 2 Page - ON Semiconductor

  NB7L572MNR4G Datasheet HTML 1Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 2Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 3Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 4Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 5Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 6Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 7Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 8Page - ON Semiconductor NB7L572MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NB7L572
http://onsemi.com
2
Figure 1. Pinout Configuration (Top View)
IN0
GND
VCC
VT1
NC
VCC
1
2
3
4
5
6
7
8
VT0
VREFAC0
IN0
IN1
VREFAC1
IN1
24
23
22
21
20
19
18
17
SEL1
VCC
Q1
Q1
Exposed Pad (EP)
NB7L572
Table 1. INPUT SELECT FUNCTION TABLE
SEL1*
SEL0*
Clock / Data Input Selected
0
0
IN0 Input Selected
0
1
IN1 Input Selected
1
0
IN2 Input Selected
1
1
IN3 Input Selected
*Defaults HIGH when left open.


Similar Part No. - NB7L572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L572MNR4G ONSEMI-NB7L572MNR4G Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
More results

Similar Description - NB7L572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com