Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7LQ572MNR4G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB7LQ572MNR4G
Description  2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7LQ572MNR4G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB7LQ572MNR4G Datasheet HTML 3Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 4Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 5Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 6Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 7Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 8Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 9Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 10Page - ON Semiconductor NB7LQ572MNR4G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NB7LQ572
http://onsemi.com
7
Figure 4. Typical Output Waveform at 2 GHz
(VINPP = 175 mV, VCC = 2.38 V)
Figure 5. Typical Output Waveform at 5 GHz
(VINPP= 175 mV, VCC = 2.38 V)
126 mV/DIV
95 ps/DIV
126 mV/DIV
37.5 ps/DIV
Q
NB7LQ572
Equalizer Receiver
Digital
Oscilloscope
Q
FR4 = 12” Backplane
50W
50W
Signal Generator
NB7LQ572 INPUT
NB7LQ572 INPUT
NB7LQ572 OUTPUT
NB7LQ572 OUTPUT
26 mV/div
56 ps/div
126 mV/div
56 ps/div
26 mV/div
25.5 ps/div
126 mV/div
25.5 ps/div
Figure 6. Typical NB7LQ572 Equalizer Application and Interconnect; Eye Diagrams with PRBS23 Pattern at 3 Gbps
and 6.5 Gbps after 12 inches of FR4
Typical Input Waveform at 3 Gbps with PRBS23
after 12 in FR4 (VINPP = 175 mV, VCC = 2.38 V)
Typical Output Waveform at 3 Gbps with PRBS23
after 12 in FR4 (VINPP = 175 mV, VCC = 2.38 V)
Typical Input Waveform at 6.5 Gbps with PRBS23
after 12 in FR4 (VINPP = 175 mV, VCC = 2.38 V)
Typical Output Waveform at 6.5 Gbps with PRBS23
after 12 in FR4 (VINPP = 175 mV, VCC = 2.38 V)


Similar Part No. - NB7LQ572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008 ONSEMI-NB7L1008 Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L1008MMNG ONSEMI-NB7L1008MMNG Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L1008MMNR4G ONSEMI-NB7L1008MMNR4G Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L1008MNG ONSEMI-NB7L1008MNG Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
More results

Similar Description - NB7LQ572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com