Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN2DS04MK2X Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2DS04MK2X
Description  JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2DS04MK2X Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  JN2DS04MK2X Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2DS04MK2X Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
87
Dimensions in mm (inches).
JN2 SERIES CONNECTORS
General Purpose Waterproof, Miniature Connectors
FEATURES
• Shell has been reinforced with Zinc Alloy
• Waterproof to IP67
• Twist locking mechanism
• Right angle plug can be mated in four different
directions by rotating the connector 90 degrees
• Uses the JN1 contact
• • • • • • • • • • • • • •
The JN2 is similar to our JN1 series except that the outer shell has
been reinforced with a zinc alloy for extra ruggedness. This connec-
tor meets IP67 waterproof rating.
52.5 (2.1 MAX)
Connector Profile (Ref.)
GENERAL SPECIFICATIONS
Number of Contacts
4, 10, 15
Current Rating
5 Amps (4 pin)
3 Amps (10 pin) per contact
Dielectric Withstanding Voltage
2000 VAC (4 pin)
900 VAC (10 pin) r.m.s. for one minute
Insulation Resistance
1000 megohms min.
Contact Resistance
Contact Size
Milliohms max
#21 -24
20
#25 - 26
26
#28
36
Operating Temperature
-20°C to +100°C
Applicable Wire Size
#20, #21-25, #26-28
MATERIALS AND FINISHES
Description
Materials/Finishes
•Receptacle
Pin Insulator
Synthetic resin
Shell
Zinc spelter die-cast/ Zinc plating
Pin Contact
Copper Alloy/ Gold plating (10 pins)
Silver plating (4 pins)
•Plug
Front Insulator
Synthetic resin
Rear Insulator
Synthetic resin
Coupling Nut
Zinc spelter die-cast/ Zinc plating (Black)
Assembly Nut
Zinc spelter die-cast/ Zinc plating (Black)
Angle endbell
Synthetic resin
Straight endbell
Synthetic resin
O Ring
Synthetic rubber
Bushing
Synthetic rubber (Color: black/gray)
Gland Nut
Synthetic resin
Spring
Stainless Steel
Spring pin
Synthetic resin
Socket contact
Copper alloy/Gold plating (10 pins)
Silver plating (4 pins)


Similar Part No. - JN2DS04MK2X

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2DS04FK1-R JAE-JN2DS04FK1-R Datasheet
388Kb / 22P
   Small Circular Connector
JN2DS04FK1X-R JAE-JN2DS04FK1X-R Datasheet
388Kb / 22P
   Small Circular Connector
JN2DS04FK2-R JAE-JN2DS04FK2-R Datasheet
388Kb / 22P
   Small Circular Connector
JN2DS04FK2X-R JAE-JN2DS04FK2X-R Datasheet
388Kb / 22P
   Small Circular Connector
JN2DS04FKK-R JAE-JN2DS04FKK-R Datasheet
388Kb / 22P
   Small Circular Connector
More results

Similar Description - JN2DS04MK2X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com