Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77PL157A4225 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ77PL157A4225
Description  Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL157A4225 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ77PL157A4225_1 Datasheet HTML 4Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 5Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 6Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 7Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 8Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 9Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 10Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 11Page - Texas Instruments BQ77PL157A4225_1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1.2V
VPROTECT
V
PROTECT - VTH
Cell Voltage
OUT
CD
LVO
(VCn - VC(n-1),
VC6 – GND)
tD = (1.2V x CD) / ICH1
bq77PL157A4225
SLUSA00 – MARCH 2010
www.ti.com
Figure 6. Timing for Overvoltage Sensing (Without Recovery Option – Permanent Latch)
From Level Shift Input
More than six cells can be monitored with multiple bq77PL157 devices by using the LVO and LVIN pins to
cascade or stack multiple parts. The LVO pin from the upper bq77PL157 is connected to the LVIN pin of the
lower bq77PL157. The OUT pin of the lowest bq77PL157 is used to control the activation element while the OUT
pins of the upper bq77PL157 devices are not used.
When the LVIN pin changes from a low to high level, an internal current source begins to charge capacitor CCD,
connected to the CD pin, quickly. If the voltage at the CD pin, VCD, reaches VCD,TH1 (1.2 V typical), then the OUT
pin and the LVO pin are both activated. Once the output is activated, the CD pin continues to charge up to its
maximum value of VCD,TH2 (2.4 V typical).
The delay time from LVIN to either LVO or OUT is minimized by quickly charging the CD pin and is
approximately 10 times faster than the delay time from an overvoltage fault at the direct cell inputs. When more
than two bq77PL157 devices are stacked, this delay time is additive.
The delay time per device can be calculated as follows:
tDA = (VCD,TH1 × CCD) / ICHLV
where ICHLV = CD charge current = 10 × ICH1 = 2 µA (typical)
When the LVIN pin changes from a high to low level, an internal switch clamps the CD pin to GND, discharging
the capacitor CCD. The delay time (per part) can be calculated as follows.
tDIA = (VCD,TH2 – VCD,TH1) × CCD / IDSLV
where IDSLV = CD discharge current = 90 µA (typical)
To find the total expected delay time from LVIN to OUT, a variable internal latency of approximately 4 - 12 ms
should be added.
Faults detected via LVIN have the highest priority and will interrupt the timing of all lower priority faults.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :bq77PL157A4225


Similar Part No. - BQ77PL157A4225_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL157A4225 TI-BQ77PL157A4225 Datasheet
355Kb / 14P
[Old version datasheet]   Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
More results

Similar Description - BQ77PL157A4225_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL157A4225 TI-BQ77PL157A4225 Datasheet
355Kb / 14P
[Old version datasheet]   Voltage Protection for 3 to 6 Series Cell Lithium-Ion/Polymer Batteries
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Mitsumi Electronics, Co...
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
   3 cell Lithium-ion/Lithium-polymer battery protection IC
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Shenzhen Huazhimei Semi...
HM4054B HMSEMI-HM4054B Datasheet
3Mb / 21P
   voltage linear charger for single cell lithium-ion batteries
HM4054H HMSEMI-HM4054H Datasheet
2Mb / 24P
   voltage linear charger for single cell lithium-ion batteries
logo
Mitsumi Electronics, Co...
MM3625 MITSUMI-MM3625 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com