Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1296CZXGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1296CZXGR
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1296CZXGR Datasheet(HTML) 5 Page - Texas Instruments

  ADS1296CZXGR Datasheet HTML 1Page - Texas Instruments ADS1296CZXGR Datasheet HTML 2Page - Texas Instruments ADS1296CZXGR Datasheet HTML 3Page - Texas Instruments ADS1296CZXGR Datasheet HTML 4Page - Texas Instruments ADS1296CZXGR Datasheet HTML 5Page - Texas Instruments ADS1296CZXGR Datasheet HTML 6Page - Texas Instruments ADS1296CZXGR Datasheet HTML 7Page - Texas Instruments ADS1296CZXGR Datasheet HTML 8Page - Texas Instruments ADS1296CZXGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
ADS1294
ADS1296
ADS1298
www.ti.com
SBAS459D – JANUARY 2010 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from 0°C to +70°C. Typical specifications are at +25°C. All specifications at DVDD =
1.8V, AVDD – AVSS = 3V
(1), V
REF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, high resolution mode, and gain =
6, unless otherwise noted.
ADS1294, ADS1296, ADS1298
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK
Internal oscillator clock frequency
Nominal Frequency
2.048
MHz
TA = +25°C
±0.5
%
0°C
≤ TA ≤ +70°C
±2
%
Internal clock accuracy
–40°C
≤ TA ≤ +85°C (industrial grade
±5
%
versions only)
Internal oscillator start-up time
20
ms
Internal oscillator power consumption
120
mW
External clock input frequency
CLKSEL pin = 0
0.5
2.048
2.25
MHz
DIGITAL INPUT/OUTPUT (DVDD = 1.65V to 3.6V)
VIH
0.8DVDD
DVDD + 0.1
V
VIL
–0.1
0.2DVDD
V
Logic level
VOH
IOH = –500mA
DVDD – 0.4
V
VOL
IOL = +500mA
0.4
V
Input current (IIN)
0V < VDigitalInput < DVDD
–10
+10
mA
POWER-SUPPLY REQUIREMENTS
Analog supply (AVDD – AVSS)
2.7
3.0
5.25
V
Digital supply (DVDD)
1.65
1.8
3.6
V
AVDD – DVDD
–2.1
3.6
V
SUPPLY CURRENT (RLD, WCT, and Pace Amplifiers Turned Off)
AVDD – AVSS = 3V
2.75
mA
IAVDD
High-
AVDD – AVSS = 5V
3.1
mA
Resolution
DVDD = 3.0V
0.5
mA
mode
IDVDD
DVDD = 1.8V
0.3
mA
AVDD – AVSS = 3V
1.8
mA
IAVDD
AVDD – AVSS = 5V
2.1
mA
Low-Power
mode
DVDD = 3.0V
0.5
mA
IDVDD
DVDD = 1.8V
0.3
mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1294 ADS1296 ADS1298


Similar Part No. - ADS1296CZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI1-ADS1296CZXGR Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296CZXGR TI-ADS1296CZXGR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1296CZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com