Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725
Description  2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24725 Datasheet HTML 4Page - Texas Instruments BQ24725 Datasheet HTML 5Page - Texas Instruments BQ24725 Datasheet HTML 6Page - Texas Instruments BQ24725 Datasheet HTML 7Page - Texas Instruments BQ24725 Datasheet HTML 8Page - Texas Instruments BQ24725 Datasheet HTML 9Page - Texas Instruments BQ24725 Datasheet HTML 10Page - Texas Instruments BQ24725 Datasheet HTML 11Page - Texas Instruments BQ24725 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
bq24725
SLUS702 – JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
4.5 V
≤ VVCC ≤ 24 V, 0°C ≤ TJ ≤ 125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACFET GATE DRIVER (ACDRV)
IACFET
ACDRV charge pump current limit
40
60
mA
VACFET
Gate drive voltage on ACFET
VACDRV–VCMSRC when VVCC> UVLO
5.5
6.1
6.5
V
Minimum load resistance between ACDRV
RACDRV_LOAD
500
k
Ω
and CMSRC
RACDRV_OFF
ACDRV turn-off resistance
I = 30µA
5
6.2
7.4
k
Ω
ACDRV Turn-Off when Vgs voltage is low
VACFET_LOW
5.9
V
(Specified by design)
PWM HIGH SIDE DRIVER (HIDRV)
High side driver (HSD) turn-on resistance
VBTST – VPH = 5.5 V, I = 10mA
12
20
Ω
RDS(on)
High side driver turn-off resistance
VBTST – VPH = 5.5 V, I = 10mA
0.65
1.3
Ω
Bootstrap refresh comparator threshold
VBTST – VPH when low side refresh pulse is requested
VBTST_REFRESH
3.85
4.3
4.7
V
voltage
PWM LOW SIDE DRIVER (LODRV)
Low side driver (LSD) turn-on resistance
VREGN = 6 V, I = 10 mA
15
25
Ω
RDS(on)
Low side driver turn-off resistance
VREGN = 6 V, I = 10 mA
0.9
1.4
Ω
PWM DRIVER TIMING
tLOW_HIGH
Driver dead time from low side to high side
20
ns
tHIGH_LOW
Driver dead time from high side to low side
20
ns
INTERNAL SOFT START
ISTEP
Soft start current step
64
mA
In CCM mode 10m
Ω current sensing resistor
tSTEP
Soft start current step time
240
ms
SMBus TIMING CHARACTERISTICS
tR
SCLK/SDATA rise time
1
ms
tF
SCLK/SDATA fall time
300
ns
tW(H)
SCLK pulse width high
4
50
ms
tW(L)
SCLK Pulse Width Low
4.7
ms
tSU(STA)
Setup time for START condition
4.7
ms
tH(STA)
START condition hold time after which first clock pulse is generated
4
ms
tSU(DAT)
Data setup time
250
ns
tH(DAT)
Data hold time
300
ns
tSU(STOP)
Setup time for STOP condition
4
µs
t(BUF)
Bus free time between START and STOP condition
4.7
ms
FS(CL)
Clock Frequency
10
100
kHz
HOST COMMUNICATION FAILURE
ttimeout
SMBus bus release timeout(2)
25
35
ms
tBOOT
Deglitch for watchdog reset signal
10
ms
Watchdog timeout period, ChargeOption()
35
44
53
s
bit [14:13] = 01(3)
Watchdog timeout period, ChargeOption()
tWDI
70
88
105
s
bit [14:13] = 10(3)
Watchdog timeout period, ChargeOption()
140
175
210
s
bit [14:13] = 11(3) (Default)
(2)
Devices participating in a transfer will timeout when any clock low exceeds the 25ms minimum timeout period. Devices that have
detected a timeout condition must reset the communication no later than the 35ms maximum timeout period. Both a master and a slave
must adhere to the maximum value specified as it incorporates the cumulative stretch limit for both a master (10ms) and a slave (25ms).
(3)
User can adjust threshold via SMBus ChargeOption() REG0x12.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :bq24725


Similar Part No. - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
   2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com