Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24616RGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24616RGET
Description  JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24616RGET Datasheet(HTML) 4 Page - Texas Instruments

  BQ24616RGET Datasheet HTML 1Page - Texas Instruments BQ24616RGET Datasheet HTML 2Page - Texas Instruments BQ24616RGET Datasheet HTML 3Page - Texas Instruments BQ24616RGET Datasheet HTML 4Page - Texas Instruments BQ24616RGET Datasheet HTML 5Page - Texas Instruments BQ24616RGET Datasheet HTML 6Page - Texas Instruments BQ24616RGET Datasheet HTML 7Page - Texas Instruments BQ24616RGET Datasheet HTML 8Page - Texas Instruments BQ24616RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
bq24616
SLUSA49A – APRIL 2010 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
VVCC_OP
VCC input voltage operating range
5.0
28.0
V
QUIESCENT CURRENTS
Total battery discharge current (sum of
currents into VCC, BTST, PH, ACP,
VVCC < VSRN, VVCC > VUVLO (SLEEP)
15
mA
ACN, SRP, SRN, VFB), VFB ≤VFB_REG
IBAT
VVCC > VSRN, VVCC > VUVLO CE = LOW
5
µA
Battery discharge current (sum of
currents into BTST, PH, SRP, SRN,
VVCC > VSRN, VVCC > VVCCLOW CE = HIGH, Charge
5
µA
VFB), VFB ≤VFB_REG
done
VVCC > VSRN, VVCC > VUVLO CE = LOW (IC quiescent
1
1.5
current)
Adapter supply current (current into
VVCC > VSRN, VVCC >VVCCLOW, CE = HIGH, charge
IAC
2
5
mA
VCC,ACP,ACN pin)
done
VVCC > VSRN, VVCC >VVCCLOW, CE = HIGH, Charging,
25
Qg_total = 20 nC
CHARGE VOLTAGE REGULATION
VT3 < VTS < VT1
2.1
VFB_REG
Feedback Regulation Voltage
VT4 < VTS < VT3
2.05
V
VT5 < VTS < VT4
2.025
TJ = 0 to 85°C
–0.5%
–0.5%
Charge Voltage Regulation Accuracy
TJ = –40 to 125°C
–0.7%
–0.7%
IVFB
Leakage Current into VFB pin
VFB = 2.1V, 2.05V, 2.025V
100
nA
CURRENT REGULATION – FAST CHARGE
VISET1
ISET1 voltage range
2
V
VIREG_CHG
SRP-SRN current sense voltage range
VIREG_CHG = VSRP – VSRN
100
mV
Charge current set factor (amps of
KISET1
RSENSE = 10 mΩ
5
A/V
charge current per volt on ISET1 pin)
VIREG_CHG = 40 mV
–3%
3%
VIREG_CHG = 20 mV
–4%
4%
Charge current regulation accuracy
VIREG_CHG = 5 mV
–25%
25%
VIREG_CHG = 1.5 mV (VSRN > 3.1V)
–40%
40%
IISET1
Leakage current into ISET1 pin
VISET1 = 2 V
100
nA
CURRENT REGULATION – PRECHARGE
VISET2
ISET2 voltage range
2
V
Precharge current set factor (amps of
KISET2
RSENSE = 10 mΩ
1
A/V
precharge current per volt on ISET2 pin)
VIREG_PRECH = 20 mV
–4%
4%
Precharge current regulation accuracy
VIREG_PRECH = 5 mV
–25%
25%
VIREG_PRECH = 1.5 mV (VSRN < 3.1V)
–55%
55%
IISET2
Leakage current into ISET2 pin
VISET2 = 2V
100
nA
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24616


Similar Part No. - BQ24616RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24616RGET TI-BQ24616RGET Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results

Similar Description - BQ24616RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com