Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25060 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ25060
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25060 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25060_1 Datasheet HTML 6Page - Texas Instruments BQ25060_1 Datasheet HTML 7Page - Texas Instruments BQ25060_1 Datasheet HTML 8Page - Texas Instruments BQ25060_1 Datasheet HTML 9Page - Texas Instruments BQ25060_1 Datasheet HTML 10Page - Texas Instruments BQ25060_1 Datasheet HTML 11Page - Texas Instruments BQ25060_1 Datasheet HTML 12Page - Texas Instruments BQ25060_1 Datasheet HTML 13Page - Texas Instruments BQ25060_1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
0
100
200
300
400
500
600
700
800
900
1000
4
5
6
7
8
9
10
11
V
-InputVoltage-V
IN
ThermalRegulation
Dropout
VBAT =3V
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
4.00
0.000
0.200
0.400
0.600
0.800
1.000
I
-ChargeCurrent-mA
CHRG
ExternalPowerPathControlMode
VBAT =3V
bq25060
SLUSA32 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Using circuit in Figure 1, TA = 25°C, unless otherwise specified
INPUT CURRENT LIMIT
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
CHARGE CURRENT
Figure 15.
Figure 16.
DETAILED FUNCTIONAL DESCRIPTION
The bq25060 is a highly integrated Li-Ion linear battery charger targeted at space-limited portable applications. It
operates from either a USB port or AC Adapter and charges a single-cell Li-Ion battery with up to 1A of charge
current. The 30V input voltage range with input over-voltage protections supports low-cost unregulated adapters.
The bq25060 has a single power output that charges the battery. The system load is connected to OUT. The
low-battery system startup circuitry maintains OUT pin voltage at VOUT(REG) whenever an input source is
connected. This allows the system to start-up and run whenever an input source is connected regardless of the
battery voltage. The charge current is programmable up to 1A using the EN input. Additionally, a 4.9V 50mA
LDO is integrated into the IC for supplying low power external circuitry.
External FET Controller (BGATE)
The External Power Path Control feature is implemented using the BGATE output. BGATE is also used to
enable/ disable the External Power Path Control feature. When power is first applied to either VBAT or VIN on the
bq25060, the BGATE output is tested. If the BGATE pin is connected to VSS, the External Power Path Control
feature is disabled. In order to enable the External Power Path Control feature after it has been disabled, the
battery and the input source must be removed and reconnected and BGATE must NOT be connected to VSS.
With External Power Path Control enabled, BGATE is used to drive an external P-channel FET that connects the
battery to the system output. The state of this FET is dependant on the battery voltage and the IC status. In
discharge mode, BGATE is pulled to GND to turn the external FET on fully. During discharge mode, the output is
connected directly to the battery. Discharge mode is entered under the following conditions:
1. IC disabled or no input power
2. Supplement mode
When not in one of these conditions, the BGATE output is controlled by the bq25060 and changes depending on
which mode is required. See the Charging Operation section for more details.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq25060


Similar Part No. - BQ25060_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq25060DQCR TI-bq25060DQCR Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
bq25060DQCT TI-bq25060DQCT Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
More results

Similar Description - BQ25060_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com