Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2944L9 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2944L9
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2944L9 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2944L9 Datasheet HTML 1Page - Texas Instruments BQ2944L9 Datasheet HTML 2Page - Texas Instruments BQ2944L9 Datasheet HTML 3Page - Texas Instruments BQ2944L9 Datasheet HTML 4Page - Texas Instruments BQ2944L9 Datasheet HTML 5Page - Texas Instruments BQ2944L9 Datasheet HTML 6Page - Texas Instruments BQ2944L9 Datasheet HTML 7Page - Texas Instruments BQ2944L9 Datasheet HTML 8Page - Texas Instruments BQ2944L9 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
bq29440, bq2944L0
bq29449, bq2944L9
SLUSA15B – MARCH 2010 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 17 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 4 V to
25 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
NOM MAX
UNIT
Overvoltage
bq29449
4.30
VPROTECT
detection
V
bq29440
4.35
voltage
Overvoltage detection
VHYS
For non-latch devices only
200
300
400
mV
hysteresis
Overvoltage detection
VOA
TA = 25°C
–10
10
mV
accuracy
TA = 0°C to 60°C
–0.4
0.4
Overvoltage threshold
VOA_DRIFT
(1)
mV/°C
temperature drift
TA = –40°C to 110°C
–0.6
0.6
TA = 0°C to 60°C
6.5
8.5
13
Note: Does not include external capacitor variation
Overvoltage delay time
XDELAY
s/µF
scale factor
TA = –40°C to 110°C
6.0
8.5
16
Note: Does not include external capacitor variation
Overvoltage delay time
XDELAY_CTM
scale factor in Customer
See CUSTOMER TEST MODE.
0.08
s/µF
Test Mode
Overvoltage detection
ICD(CHG)
(See Figure 1.)
140
nA
charging current
Overvoltage detection
ICD(DSG)
(See Figure 2.)
60
µA
discharging current
Overvoltage detection
VCD
external capacitor
1.2
V
comparator threshold
(VC1–VC2) = (VC2–VC3) = (VC3–VC4) = (VC4–GND) = 3.5 V
ICC
Supply current
2
3.5
µA
(See Figure 3.)
(VC1–VC2), (VC2–VC3), (VC3–VC4) and
(VC4–GND) = VPROTECTMAX, VDD = 20V,
6.5
8.0
9.5
V
IOH = 0 to -10 µA
(VC1–VC2), (VC2–VC3), (VC3–VC4) and
VOUT
OUT pin drive voltage
(VC4–GND) = VPROTECTMAX, VDD = 4V,
2.0
3.0
3.5
V
IOL = -10 µA, TA = 0°C to 60°C
(VC1–VC2), (VC2–VC3), (VC3–VC4) and
0.1
V
(VC4–GND) = 4 V, IOL = 0 µA
OUT = 0 V, (VC1–VC2), (VC2–VC3), (VC3–VC4) or
IOUT(SHORT)
OUT short circuit current
4
mA
(VC4–GND) > VPROTECT, VDD = 18 V
tr(OUT)
(1)
OUT output rise time
CL = 1 nF, VDD = 4 V to 25 V, VOH(OUT) = 0 V to 5 V
5
µs
ZO(OUT)
(1)
OUT output impedance
2
k
Ω
Measured at VC1, (VC1–VC2), (VC2–VC3), (VC3–VC4) and
(VC4–GND) = 3.5 V,
–0.3
1.5
µA
TA = 0°C to 60°C (See Figure 3.)
IIN
Input current at VCx pins
Measured at VC2, VC3 or VC4, (VC1–VC2), (VC2–VC3),
(VC3–VC4) and (VC4–GND) = 3.5 V,
–0.3
0.3
µA
TA = 0°C to 60°C (See Figure 3.)
(1)
Specified by design. Not 100% tested in production.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq29440 bq2944L0 bq29449 bq2944L9


Similar Part No. - BQ2944L9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2944L9 TI-BQ2944L9 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L9 TI-BQ2944L9 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ2944L9 TI1-BQ2944L9 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ2944L9DRBR TI-BQ2944L9DRBR Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L9DRBR TI1-BQ2944L9DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ2944L9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com