Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30100 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL30100
Description  Fixed Off Time Switched Mode LED Driver Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30100 Datasheet(HTML) 5 Page - ON Semiconductor

  NCL30100 Datasheet HTML 1Page - ON Semiconductor NCL30100 Datasheet HTML 2Page - ON Semiconductor NCL30100 Datasheet HTML 3Page - ON Semiconductor NCL30100 Datasheet HTML 4Page - ON Semiconductor NCL30100 Datasheet HTML 5Page - ON Semiconductor NCL30100 Datasheet HTML 6Page - ON Semiconductor NCL30100 Datasheet HTML 7Page - ON Semiconductor NCL30100 Datasheet HTML 8Page - ON Semiconductor NCL30100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCL30100
http://onsemi.com
5
--40
--20
0
20
40
60
80
100
120
6.235
6.240
6.245
6.250
6.255
6.260
Figure 3. Vstartup Threshold vs. Junction
Temperature
TEMPERATURE (C)
--40
--20
0
20
40
60
80
100
120
TEMPERATURE (C)
30
28
26
24
22
20
18
16
14
12
10
Figure 4. Startup Current Consumption vs.
Junction Temperature
--40
--20
0
20
40
60
80
100
120
12.6
12.5
12.4
12.3
12.2
12.1
12.0
11.9
11.8
11.7
11.6
TEMPERATURE (C)
Figure 5. Minimum Source Current vs.
Junction Temperature
TEMPERATURE (C)
Figure 6. Minimum Operating Voltage
Threshold vs. Junction temperature
TEMPERATURE (C)
--40
--20
0
20
40
60
80
100
120
1.10
1.05
1.00
0.95
0.90
Figure 7. Steady State Current Consumption
vs. Junction Temperature
--40
--20
0
20
40
60
80
100
120
5.780
5.775
5.770
5.765
5.760
5.755
5.750
5.745
5.740
TEMPERATURE (C)
--40
--20
0
20
40
60
80
100
120
50.0
49.5
49.0
48.5
48.0
47.5
47.0
Figure 8. Maximum Source Current vs.
Junction Temperature


Similar Part No. - NCL30100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30100 ONSEMI-NCL30100 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
NCL30100SNT1G ONSEMI-NCL30100SNT1G Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
NCL30100 ONSEMI-NCL30100_11 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
More results

Similar Description - NCL30100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30100 ONSEMI-NCL30100_11 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215 ONSEMI-NCP1215 Datasheet
148Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
October, 2004 ??Rev. 2
logo
Silicon Mitus, Inc.
SM1251 SILICONMITUS-SM1251 Datasheet
161Kb / 1P
   PWM Buck Controller with Fixed-off Time Switching Mode
Februay 2018 Rev. 0.0.0
logo
Excelliance MOS Corp.
EM8800A EXCELLIANCE-EM8800A Datasheet
187Kb / 8P
   Constant Off Time, Current-Mode Controller for LED Applications
EM8801A EXCELLIANCE-EM8801A Datasheet
227Kb / 10P
   Constant Off Time, Current-Mode Controller for LED Applications
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
   Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
   Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com