Electronic Components Datasheet Search |
|
NCN8024DTBR2G Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCN8024DTBR2G Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 16 page NCN8024 http://onsemi.com 4 PIN FUNCTION AND DESCRIPTION Pin # Description Type Name 11 CRD_I/O Input/ Output This pin handles the connection to the serial I/O (C7) of the card connector. A bi−directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card I/O link. 12 CRD_AUX2 Input/ Output This pin handles the connection to the chip card’s serial auxiliary AUX2 I/O pin (C8). A bi−directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card C8 pin. 13 CRD_AUX1 Input/ Output This pin handles the connection to the chip card’s serial auxiliary AUX1 I/O pin (C4). A bi−directional level translator adapts the serial I/O signal between the card and the micro controller. An 11 kW (typical) pullup resistor to CRD_VCC provides a High impedance state for the smart card C4 pin. 14 CRD_GND GND Card Ground 15 CRD_CLK Output This pin is connected to the CLOCK card connector’s pin (Chip card’s pin C3). The Clock signal comes from the CLKIN input through clock dividers and level shifter. 16 CRD_RST Output This pin is connected to the chip card’s RESET pin (C2) through the card connector. A level translator adapts the external Reset (RSTIN) signal to the smart card. 17 CRD_VCC Power This pin is connected to the smart card power supply pin. An internal DC/DC converter is programmable using the pin 5V/3V to supply either 5 V or 3 V output voltage. An external distributed ceramic capacitor (200 nF + 330 nF typical recommended) must be connected across CRD_VCC and CRD_GND. This set of capacitor (if distributed) must be low ESR (< 100 mW). 18 PORADJ Input Power−on reset threshold adjustment input pin for changing the reset threshold with an external resistor power divider. Recommended to be connected to ground when unused. 19 CMDVCC Input Command VCC pin. Activation sequence Enable/Disable pin (active Low). The activation sequence is enabled by toggling CMDVCC High to Low and when a card is present. 20 RSTIN Input This Reset input connected to the host and referred to VDD (microcontroller side), is connected to the smart card Reset pin through the internal level shifter which translates the level according to the CRD_VCC programmed value. 21 VDD Power This pin is connected to the system controller power supply. It configures the level shifter input stage to accept the signals coming from the controller. A 0.1 mF capacitor shall be used to bypass the power supply voltage. When VDD is below 2.35 V typical the card pins are disabled. 22 GND GND Ground 23 INT Output The interrupt request is activated LOW on this pin. This is enabled when a card is present and the card presence is detected by CRD_PRES or CRD_PRES pins. Similarly an interrupt is generated when CRD_VCC is overloaded. 20 kW typical integrated pullup resistor to VDD. 24 CLKIN Input Clock Input for External Clock 25 NC Unconnected 26 I/Ouc Input/ Output This pin is connected to an external micro−controller. A bi−directional level translator adapts the serial I/O signal between the smart card and the external controller. A built−in constant 11 kW (typical) resistor provides a high impedance state. 27 AUX1uc Input/ Output This pin is connected to an external micro−controller. A bi−directional level translator adapts the serial C4 signal between the smart card and the external controller. A built−in constant 11 kW (typical) resistor provides a high impedance state. 28 AUX2uc Input/ Output This pin is connected to an external micro−controller. A bi−directional level translator adapts the serial C8 signal between the smart card and the external controller. A built−in constant 11 kW (typical) resistor provides a high impedance state. |
Similar Part No. - NCN8024DTBR2G |
|
Similar Description - NCN8024DTBR2G |