Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP508SQ33T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP508SQ33T1G
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508SQ33T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP508SQ33T1G Datasheet HTML 1Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 2Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 3Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 4Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 5Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 6Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 7Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 8Page - ON Semiconductor NCP508SQ33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP508
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise
noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage Tolerance (TA = 25°C, Iout = 10 mA)
Vout
−2
+2
%
Output Voltage Tolerance (TA = −40°C to 85°C, Iout = 10 mA)
Vout
−3
+3
%
Line Regulation (Vin = Vout + 1 V to 12 V, Iout = 10 mA) (Note 5)
Regline
2
20
mV
Load Regulation (Iout = 1.0 mA to 50 mA) (Note 5)
Regload
6
40
mV
Output Current (Vout = Vout(nom) – 0.1 V)
Iout(nom)
50
mA
Dropout Voltage (Vout = 3.0 V, Measured at Vout – 100 mV)
Iout = 30 mA
Iout = 40 mA
Iout = 50 mA
Vin−Vout
140
155
180
250
300
mV
Quiescent Current
(Enable Input = 0V)
IQ
0.1
1
mA
Ground Current
(Enable Input = Vin, Vin = Vout + 1 V, Iout = 0 mA)
(Enable Input = Vin, Iout = 1 mA)
(Enable Input = Vin, Iout = 10 mA)
(Enable Input = Vin, Iout = 50 mA)
IGND
145
160
300
1100
200
260
500
1900
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
0.9
0.15
V
Enable Input Current (Venable = 2.4 V)
Ienable
8.0
15
mA
Output Turn On Time (Note 6)
20
ms
Output Short Circuit Current Limit (Vout = 0 V)
Iout(max)
100
250
mA
Ripple Rejection (Vin = Vout(nom) + 1 Vdc + 0.5 Vpp, f = 1 kHz, Io = 10 mA)
RR
70
dB
Output Noise Voltage (f = 100 Hz to 100 kHz) (Vout = 1.5 V)
Vn
39
mVrms
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. Turn on time is defined from Enable at 10% to Vout at 95% nominal value. Min and max values TA = −40°C to 85°C, Tjmax = 125°C. Venable
= 0 V to Vin. Cout = 1.0 mF.


Similar Part No. - NCP508SQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508SQ33T1G ONSEMI-NCP508SQ33T1G Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
More results

Similar Description - NCP508SQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508_11 Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com