Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP629FC33T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP629FC33T2G
Description  High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP629FC33T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP629FC33T2G Datasheet HTML 1Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 2Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 3Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 4Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 5Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 6Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 7Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 8Page - ON Semiconductor NCP629FC33T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP629
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout + 0.5 V, Cin = Cout =1.0 mF, for typical values TA = 25°C, for min/max values TA = -40°C to 125°C; unless otherwise noted.)
(Note 7)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Regulator Output
Output Voltage
1.5 V
1.8 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Iout = 1.0 mA to 150 mA
Vin = (Vout + 0.5 V) to 6.0 V
Vout
1.470
1.764
2.744
2.940
3.234
3.430
4.900
(-2%)
1.530
1.836
2.856
3.060
3.366
3.570
5.100
(+2%)
V
Power Supply Ripple Rejection (Note 8)
(Vin = Vout + 1.0 V + 0.5 Vp-p)
Iout = 1.0 mA to 150 mA
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
PSRR
-
-
-
62
55
38
-
-
-
dB
Line Regulation
Vin = (Vout + 0.5 V) to 6.0 V,
Iout = 1.0 mA
Regline
-
1.0
10
mV
Load Regulation
1.5 V
1.8 V
2.8 V to 5.0 V
Iout = 1.0 mA to 150 mA
Regload
-
-
-
2.0
2.0
2.0
20
25
30
mV
Output Noise Voltage (Note 8)
Vout = 1.5 V,
f = 10 Hz to 100 kHz
Vn
-
50
-
mVrms
Output Short Circuit Current
Vout = 0 V
Isc
300
550
800
mA
Dropout Voltage
1.5 V
1.8 V
2.8 V to 5.0 V
Measured at: Vout – 2.0%
Iout = 150 mA
VDO
-
-
-
150
125
75
225
175
125
mV
General
Disable Current
ENABLE = 0 V, Vin = 6 V
-40
°C ≤ TA ≤ 85°C
IDIS
-
0.01
1.0
mA
Ground Current
1.5 V
1.8 V to 3.0 V
3.3 V to 5.0 V
ENABLE = 0.9 V,
Iout = 1.0 mA to 150 mA
IGND
-
-
-
135
140
145
170
175
180
mA
Thermal Shutdown Temperature (Note 8)
TSD
-
175
-
°C
Thermal Shutdown Hysteresis (Note 8)
TSH
-
10
-
°C
Chip Enable
ENABLE Input Threshold Voltage
Vth(EN)
V
Voltage Increasing, Logic High
0.9
-
-
Voltage Decreasing, Logic Low
-
-
0.4
Enable Input Bias Current (Note 8)
IEN
-
3.0
100
nA
Timing
Output Turn On Time
1.5 V to 3.5 V
5.0 V
ENABLE = 0 V to Vin
ton
-
-
15
30
25
50
ms
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at
TJ = TA = 25 °C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
8. Values based on design and/or characterization.


Similar Part No. - NCP629FC33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623 ONSEMI-NCP623 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP623DM ONSEMI-NCP623DM Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623DM-28R2G ONSEMI-NCP623DM-28R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP629FC33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
logo
California Micro Device...
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com