Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP605MN50T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP605MN50T2G
Description  500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP605MN50T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP605MN50T2G Datasheet HTML 1Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 2Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 3Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 4Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 5Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 6Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 7Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 8Page - ON Semiconductor NCP605MN50T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP605, NCP606
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
Vin = (Vout + 0.5 V) or 1.5 V, whichever is higher, Cin = 1 mF, Cout = 1 mF, for typical values TA = 25°C, for min/max values TA = −40°C to
85°C; unless otherwise noted. (Notes 9 and 10)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output voltage (Adjustable Version)
Vin = 1.75 V to 6 V
Iout = 1 mA to 500 mA
Vout
1.231
(−1.5%)
1.250
1.269
(+1.5%)
V
Output voltage (Fixed Versions)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = (Vout + 0.5 V) to 6 V
Iout = 1 mA to 500 mA
Vout
1.470
1.764
2.450
2.744
2.940
3.234
4.900
(−2%)
1.5
1.8
2.5
2.8
3.0
3.3
5.0
1.530
1.836
2.550
2.856
3.060
3.366
5.100
(+2%)
V
Line regulation
Vin = (Vout + 0.5 V) to 6 V, Iout = 1 mA
Regline
4
10
mV
Load regulation
Iout = 1 mA to 500 mA
Regload
10
30
mV
Dropout voltage (Adjustable Version)
(Note 9)
VDO = Vin − Vout
Vout = 1.25 V
Iout = 500 mA
VDO
450
470
mV
Dropout voltage (Fixed Version)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VDO = Vin − (Vout − 0.1 V)
Iout = 500 mA
Vout = 0 V to 90% Vout(nom)
VDO
290
250
200
190
180
170
150
360
300
250
240
230
220
200
mV
Disable Current (NCP606 Only) (Note 10)
VEN = 0 V
IDIS
0.1
1
mA
Ground Current
Iout = 1 mA to 500 mA
IGND
145
180
mA
Current Limit (Note 11)
Vout = Vout(nom) − 10 %
ILIM
675
mA
Output Short Circuit Current
Vout = 0 V
ISC
700
1000
1350
mA
Enable Input Threshold Voltage
(NCP606 Only)
Voltage Increasing, Logic High
Voltage Decreasing, Logic Low
High
Low
Vth(EN)
0.9
0.4
V
Turn−on Time (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = 0 V to (Vout + 0.5 V) or 1.75 V,
whichever is higher
Vout = 0 V to 90% of Vout(nom)
ton
6
6
7
8
10
12
15
30
ms
Enable Time (NCP606 Only) (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VEN = From 0 V to Vin
tEN
12
12
13
16
18
19
20
30
ms
7. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Maximum dropout voltage is limited to minimum input voltage Vin = 1.7 V recommended for guaranteed operation at maximum output
current.
10.Refer to application information section.
11. Values based on design and/or characterization.


Similar Part No. - NCP605MN50T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP605MN50T2G ONSEMI-NCP605MN50T2G Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP605MN50T2G ONSEMI-NCP605MN50T2G Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
More results

Similar Description - NCP605MN50T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
logo
ON Semiconductor
NCP690 ONSEMI-NCP690_14 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com