Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1034DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1034DR2G
Description  100V Synchronous PWM Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1034DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1034DR2G Datasheet HTML 4Page - ON Semiconductor NCP1034DR2G Datasheet HTML 5Page - ON Semiconductor NCP1034DR2G Datasheet HTML 6Page - ON Semiconductor NCP1034DR2G Datasheet HTML 7Page - ON Semiconductor NCP1034DR2G Datasheet HTML 8Page - ON Semiconductor NCP1034DR2G Datasheet HTML 9Page - ON Semiconductor NCP1034DR2G Datasheet HTML 10Page - ON Semiconductor NCP1034DR2G Datasheet HTML 11Page - ON Semiconductor NCP1034DR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCP1034
http://onsemi.com
8
TYPICAL OPERATING CHARACTERISTICS
1.2
1.22
1.24
1.26
1.28
1.3
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 4. VFB
8.0
8.2
8.4
8.6
8.8
9.0
9.2
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 5. UVLOVB
Rising
Falling
1.1
1.15
1.2
1.25
1.3
1.35
1.4
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 6. UVLOVCC
Rising
Falling
7.9
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 7. UVLODRVVCC
Rising
Falling
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 8. UVLO
Rising
Falling
1.8
1.9
2.0
2.1
2.2
2.3
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 9. ICC (Stat)


Similar Part No. - NCP1034DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1034DR2G ONSEMI-NCP1034DR2G Datasheet
260Kb / 24P
   100V Synchronous PWM Buck Controller
September, 2015 ??Rev. 7
NCP1034DR2G ONSEMI-NCP1034DR2G Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results

Similar Description - NCP1034DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1034 ONSEMI-NCV1034 Datasheet
259Kb / 24P
   100V Synchronous PWM Buck Controller
April, 2017 ??Rev. 0
NCP1034 ONSEMI-NCP1034_15 Datasheet
260Kb / 24P
   100V Synchronous PWM Buck Controller
September, 2015 ??Rev. 7
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com