Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP606MN15T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP606MN15T2G
Description  500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP606MN15T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP606MN15T2G Datasheet HTML 1Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 2Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 3Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 4Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 5Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 6Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 7Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 8Page - ON Semiconductor NCP606MN15T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 1
1
Publication Order Number:
NCP605/D
NCP605, NCP606
500mA, Low IGND, CMOS
LDO Regulator with/without
Enable and with Enhanced
ESD Protection
The NCP605/NCP606 provide in excess of 500 mA of output
current at fixed voltage options or an adjustable output voltage from
5.0 V down to 1.25 V. These devices are designed for space
constrained and portable battery powered applications and offer
additional features such as high PSRR, low noise operation, short
circuit and thermal protection. The devices are designed to be used
with low cost ceramic capacitors and are packaged in the DFN6 3x3.3.
NCP605 is designed without enable pin, NCP606 is designed with
enable pin.
Features
Output Voltage Options:
Adjustable, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 5.0 V
Adjustable Output by External Resistors from 5.0 V down to 1.25 V
Current Limit 675 mA
Low IGND (Independent of Load)
$1.5% Output Voltage Tolerance Over All Operating Conditions
(Adjustable)
$2% Output Voltage Tolerance Over All Operating Conditions
(Fixed)
NCP605 Fixed is Direct Replacement LP8345
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
Enhanced ESD Ratings: 4 kV Human Body Mode (HBM)
400 V Machine Model (MM)
These are Pb−Free Devices
Typical Applications
Hard Disk Drivers
Notebook Computers
Battery Power Electronics
Portable Instrumentation
Figure 1. NCP605 Typical Application Circuit for Fixed
Version (1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 5.0 V)
NCP605
(Fixed)
Vin
Vout
SENSE
GND
Vout
Vin
Cin
Cout
DFN6, 3x3.3
MN SUFFIX
CASE 506AX
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
1
xxxx
zzz
AYWWG
G
xxxx
= P605 or P606
zzz
= ADJ, 150, 180, 250, 280,
300, 330, 500
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
2
3
6
5
4
GND
NC
SENSE/ADJ
1
2
3
6
5
4
GND
EN
SENSE/ADJ
GND
GND
NCP605 PIN CONNECTIONS
DFN6 3x3.3mm
NCP606 PIN CONNECTIONS
DFN6 3x3.3mm
(TOP VIEW)
(TOP VIEW)
Vin
Vin
Vout
Vin
Vin
Vout


Similar Part No. - NCP606MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP606MN15T2G ONSEMI-NCP606MN15T2G Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP606MN15T2G ONSEMI-NCP606MN15T2G Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
More results

Similar Description - NCP606MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
logo
ON Semiconductor
NCP690 ONSEMI-NCP690_14 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com