Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1641_101 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA1641_101
Description  High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1641_101 Datasheet(HTML) 3 Page - Texas Instruments

  OPA1641_101 Datasheet HTML 1Page - Texas Instruments OPA1641_101 Datasheet HTML 2Page - Texas Instruments OPA1641_101 Datasheet HTML 3Page - Texas Instruments OPA1641_101 Datasheet HTML 4Page - Texas Instruments OPA1641_101 Datasheet HTML 5Page - Texas Instruments OPA1641_101 Datasheet HTML 6Page - Texas Instruments OPA1641_101 Datasheet HTML 7Page - Texas Instruments OPA1641_101 Datasheet HTML 8Page - Texas Instruments OPA1641_101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36; ±2.25V to ±18V
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA1641, OPA1642, OPA1644
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
0.00005
%
Total Harmonic Distortion +
THD+N
G = +1, f = 1kHz, VO = 3VRMS
Noise
–126
dB
Intermodulation Distortion
IMD
G = +1, VO = 3VRMS
0.00004
%
SMPTE/DIN Two-Tone, 4:1 (60Hz and 7kHz)
–128
dB
0.00008
%
DIM 30 (3kHz square wave and 15kHz sine wave)
–122
dB
0.00007
%
CCIF Twin-Tone (19kHz and 20kHz)
–123
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = +1
11
MHz
Slew Rate
SR
G = +1
20
V/ms
Full-Power Bandwidth(1)
VO = 1VP
3.2
MHz
Overload Recovery Time(2)
G = –10
600
ns
Channel Separation (Dual and Quad)
f = 1kHz
–126
dB
NOISE
Input Voltage Noise
f = 20Hz to 20kHz
4.3
mVPP
Input Voltage Noise Density
en
f = 10Hz
8
nV/
√Hz
f = 100Hz
5.8
nV/
√Hz
f = 1kHz
5.1
nV/
√Hz
Input Current Noise Density
In
f = 1kHz
0.8
fA/
√Hz
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±18V
1
3.5
mV
vs Power Supply
PSRR
VS = ±2.25V to ±18V
0.14
2
mV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = 0V
±2
±20
pA
Input Offset Current
IOS
VCM = 0V
±2
±20
pA
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–)-0.1
(V+)–3.5
V
Common-Mode Rejection Ratio
CMRR
VCM = (V–) – 0.1V to (V+) – 3.5V, VS = ±18V
120
126
dB
INPUT IMPEDANCE
Differential
Ω || pF
1013 || 8
VCM = (V–) – 0.1V to (V+) – 3.5V
Common-Mode
Ω || pF
1013 || 6
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–) + 0.2V
≤ VO ≤ (V+) – 0.2V, RL = 10kΩ
120
134
dB
(V–) + 0.35V
≤ VO ≤ (V+) – 0.35V, RL = 2kΩ
114
126
dB
(1)
Full power bandwidth = SR/(2p × VP), where SR = slew rate.
(2)
See Figure 21 and Figure 22.
Copyright © 2009–2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1641_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1641_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com