Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2141 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2141
Description  Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2141 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2141 Datasheet HTML 1Page - Texas Instruments OPA2141 Datasheet HTML 2Page - Texas Instruments OPA2141 Datasheet HTML 3Page - Texas Instruments OPA2141 Datasheet HTML 4Page - Texas Instruments OPA2141 Datasheet HTML 5Page - Texas Instruments OPA2141 Datasheet HTML 6Page - Texas Instruments OPA2141 Datasheet HTML 7Page - Texas Instruments OPA2141 Datasheet HTML 8Page - Texas Instruments OPA2141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA141
OPA2141
OPA4141
SBOS510B – MARCH 2010 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36V; ±2.25V to ±18V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA141, OPA2141, OPA4141
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Offset Voltage, RTI
VOS
VS = ±18V
±1
±3.5
mV
Over Temperature
VS = ±18V
±4.3
mV
Drift
dVOS/dT
VS = ±18V
±2
±10
mV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
±0.14
±2
mV/V
xxxOver Temperature
VS = ±2.25V to ±18V
±4
mV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±2
±20
pA
Over Temperature
±5
nA
Input Offset Current
IOS
±2
±20
pA
Over Temperature
±1
nA
NOISE
Input Voltage Noise
f = 0.1Hz to 10Hz
250
nVPP
f = 0.1Hz to 10Hz
42
nVRMS
Input Voltage Noise Density
en
f = 10Hz
12
nV/
√Hz
f = 100Hz
6.5
nV/
√Hz
f = 1kHz
6.5
nV/
√Hz
Input Current Noise Density
in
f = 1kHz
0.8
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) –0.1
(V+)–3.5
V
VS = ±18V, VCM = (V–) –0.1V
Common-Mode Rejection Ratio
CMRR
120
126
dB
to (V+) – 3.5V
VS = ±18V, VCM = (V–) –0.1V
Over Temperature
120
dB
to (V+) – 3.5V
INPUT IMPEDANCE
Differential
1013 || 8
Ω || pF
Common-Mode
VCM = (V–) –0.1V to (V+) –3.5V
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL VO = (V–)+0.35V to (V+)–0.35V, RL = 2kΩ
114
126
dB
Over Temperature
VO = (V–)+0.35V to (V+)–0.35V, RL = 2kΩ
108
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
BW
10
MHz
Slew Rate
20
V/ms
Settling Time, 12-bit (0.024)
880
ns
THD+N
1kHz, G = 1, VO = 3.5VRMS
0.00005
%
Overload Recovery Time
600
ns
4
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA141 OPA2141 OPA4141


Similar Part No. - OPA2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2141 TI-OPA2141 Datasheet
778Kb / 23P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA2141 TI-OPA2141 Datasheet
1Mb / 30P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA2141AID TI-OPA2141AID Datasheet
778Kb / 23P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA2141AIDGKR TI-OPA2141AIDGKR Datasheet
778Kb / 23P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA2141AIDGKT TI-OPA2141AIDGKT Datasheet
778Kb / 23P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
More results

Similar Description - OPA2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141 TI-OPA141 Datasheet
778Kb / 23P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com