Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA330 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA330 Datasheet HTML 7Page - Texas Instruments OPA330 Datasheet HTML 8Page - Texas Instruments OPA330 Datasheet HTML 9Page - Texas Instruments OPA330 Datasheet HTML 10Page - Texas Instruments OPA330 Datasheet HTML 11Page - Texas Instruments OPA330 Datasheet HTML 12Page - Texas Instruments OPA330 Datasheet HTML 13Page - Texas Instruments OPA330 Datasheet HTML 14Page - Texas Instruments OPA330 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA330
3V
1MW
60kW
100kW
1MW
NTC
Thermistor
IN
-
IN+
OUT
V
S
-
V +
S
C3
B2
A3
C1
A1
YFFPACKAGE
WCSP-5
(TOPVIEW)
(Bumpsidedown;
nottoscale)
ActualSize:
ExactSize(max):
0,862mmx1,156mm
YFFPACKAGE
WCSP-5EnlargedImage
(TopView)
(Bumpsidedown)
PackageMarkingCode:
YMD=year/month/day
TBD=indicatesOPA330AIYFF
S=forengineeringpurposesonly
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
RN are operational resistors used to isolate the
Following these guidelines reduces the likelihood of
ADS1100 from the noise of the digital I2C bus.
junctions being at different temperatures, which can
Because the ADS1100 is a 16-bit converter, a precise
cause thermoelectric voltages of 0.1mV/°C or higher,
reference is essential for maximum accuracy. If
depending on materials used.
absolute accuracy is not required, and the 5V power
supply is sufficiently stable, the REF3130 may be
OPA330 WCSP
omitted.
The OPA330 YFF package is a lead- (Pb-) free,
Figure 23 shows the OPA330 in a typical thermistor
die-level, wafer chip-scale package (WCSP). Unlike
circuit.
devices that are in plastic packages, these devices
have no molding compound, lead frame, wire bonds,
or leads. Using standard surface-mount assembly
procedures, the WCSP can be mounted to a printed
circuit
board
(PCB)
without
additional
underfill.
Figure 24 and Figure 25 detail the pinout and
package marking, respectively. See the NanoStar™
and
NanoFree™
300mm
Solder
Bump
WCSP
Application
Note
(SBVA017)
for
more
detailed
information on package characteristics and PCB
design.
Figure 23. Thermistor Measurement
GENERAL LAYOUT GUIDELINES
Attention
to
good
layout
practice
is
always
recommended.
Keep
traces
short
and,
when
possible, use a printed circuit board (PCB) ground
plane with surface-mount components placed as
close to the device pins as possible. Place a 0.1mF
capacitor closely across the supply pins. These
guidelines should be applied throughout the analog
circuit to improve performance and provide benefits
such as reducing the electromagnetic interference
Figure 24. WCSP Pin Description
(EMI) susceptibility.
For lowest offset voltage and precision performance,
circuit layout and mechanical conditions should be
optimized. Avoid temperature gradients that create
thermoelectric (Seebeck) effects in the thermocouple
junctions
formed
from
connecting
dissimilar
conductors. These thermally-generated potentials can
be made to cancel by assuring they are equal on
both
input
terminals.
Other
layout
and
design
considerations include:
Use
low
thermoelectric-coefficient
conditions
(avoid dissimilar metals).
Thermally
isolate
components
from
power
Figure 25. YFF Package Marking
supplies or other heat sources.
Shield op amp and input circuitry from air
currents, such as cooling fans.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AID TI-OPA330AID Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVR TI-OPA330AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVRG4 TI-OPA330AIDBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVT TI-OPA330AIDBVT Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com