Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP692MN33T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP692MN33T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP692MN33T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP692MN33T2G Datasheet HTML 6Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 7Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 8Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 9Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 10Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 11Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 12Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 13Page - ON Semiconductor NCP692MN33T2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP690, NCP691, NCP692
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 27. Line Transient
(Vout = 5.0 V)
Figure 28. Start−Up Transient
(Vout = 1.5 V)
TIME (50 ms/DIV)
TIME (50 ms/DIV)
4.95
5.00
5.05
0
0.5
1.0
1.5
2.0
2.5
VOUT
VIN
CIN = COUT = 10 mF,
trise = 10 ms
6
5
VOUT
VEN
VIN = 2.5 V,
CIN = COUT = 10 mF,
IOUT = 1 A,
trise_EN = 10 ms
Figure 29. Start−Up Transient
(Vout = 2.5 V)
Figure 30. Start−Up Transient
(Vout = 5.0 V)
TIME (50 ms/DIV)
TIME (50 ms/DIV)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
VIN = 3.5 V,
CIN = COUT = 10 mF,
IOUT = 1 A,
trise_EN = 10 ms
VIN = 6.0 V,
CIN = COUT = 10 mF,
IOUT = 1 A,
trise_EN = 10 ms
VOUT
VEN
VOUT
VEN
Figure 31. PSRR vs. Frequency
(Vout = 1.5 V)
FREQUENCY (Hz)
100,000
10,000
1000
100
10
0
10
20
30
40
50
60
70
VIN = 2.5 V,
VOUT = 1.5 V,
VPP = 0.5 V,
COUT = 1 mF


Similar Part No. - NCP692MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP692MN33T2G ONSEMI-NCP692MN33T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results

Similar Description - NCP692MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690_14 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com