Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70012DSER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70012DSER
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70012DSER Datasheet(HTML) 3 Page - Texas Instruments

  TLV70012DSER Datasheet HTML 1Page - Texas Instruments TLV70012DSER Datasheet HTML 2Page - Texas Instruments TLV70012DSER Datasheet HTML 3Page - Texas Instruments TLV70012DSER Datasheet HTML 4Page - Texas Instruments TLV70012DSER Datasheet HTML 5Page - Texas Instruments TLV70012DSER Datasheet HTML 6Page - Texas Instruments TLV70012DSER Datasheet HTML 7Page - Texas Instruments TLV70012DSER Datasheet HTML 8Page - Texas Instruments TLV70012DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TLV700xx
TLV701xx
www.ti.com
SLVSA00A – SEPTEMBER 2009 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
At VIN = VOUT(Typ) + 0.3 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = 0.9 V, COUT = 1.0 mF, and TJ = –40°C to
+125°C, unless otherwise noted. Typical values are at TJ = +25°C.
space
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VOUT ≥ 1 V
–2
+2
%
VOUT
DC output accuracy
–40°C
≤ TJ ≤ +125°C
VOUT < 1 V
–20
+20
mV
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.5 V,
ΔVO/ΔVIN
Line regulation
1
5
mV
IOUT = 10 mA
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 200 mA
1
15
mV
VIN = 0.98 × VOUT(NOM), IOUT = 50 mA,
43
mV
VOUT = 2.8 V
VIN = 0.98 × VOUT(NOM), IOUT = 100 mA,
VDO
Dropout voltage(1)
85
mV
VOUT = 2.8 V
VIN = 0.98 × VOUT(NOM), IOUT = 200 mA,
175
250
mV
VOUT = 2.35 V
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
220
350
550
mA
IOUT = 0 mA
31
55
mA
IGND
Ground pin current
IOUT = 200 mA, VIN = VOUT + 0.5 V
270
mA
VEN ≤ 0.4 V, VIN = 2.0 V
400
nA
ISHDN
Ground pin current (shutdown)
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 4.5 V
1
2
mA
VIN = 2.3 V, VOUT = 1.8 V,
PSRR
Power-supply rejection ratio
68
dB
IOUT = 10 mA, f = 1 kHz
BW = 100 Hz to 100 kHz,
VN
Output noise voltage
48
mVRMS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
tSTR
Startup time(2)
COUT = 1.0 mF, IOUT = 200 mA
100
ms
VEN(HI)
Enable pin high (enabled)
0.9
VIN
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VIN = VEN = 5.5 V
0.04
0.5
mA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Active pulldown resistance
RDISCHARGE
VEN = 0 V
120
Ω
(TLV701xx only)
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
VDO is measured for devices with VOUT(NOM) ≥ 2.35 V.
(2)
Startup time = time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TLV70012DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70012DSER TI-TLV70012DSER Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI1-TLV70012DSER Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70012DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com